Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8366 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 182 page
background image
56F8366 Technical Data, Rev. 7
22
Freescale Semiconductor
Preliminary
GPIOB0
(A16)
33
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Port B GPIO — This GPIO pin can be programmed as an input or
output pin.
Address Bus — A16 specifies one of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A16 and EMI control signals are tri-stated when the
external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
After reset, the startup state of GPIOB0 (GPIO or address) is
determined as a function of EXTBOOT, EMI_MODE and the Flash
security setting. See Table 4-4 for further information on when this
pin is configured as an address pin at reset. In all cases, this state
may be changed by writing to GPIOB_PER.
To deactivate the internal pull-up resistor, set bit 0 in the
GPIOB_PUR register.
D0
(GPIOF9)
59
Input/
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Data Bus — D0 - D6 specify part of the data for external program or
data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), D0 - D6 are tri-stated when the external bus is
inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
Port F GPIO — These seven GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to the EMI Data Bus function.
To deactivate the internal pull-up resistor, set the appropriate
GPIO bit in the GPIOF_PUR register.
Example: GPIOF9, set bit 9 in the GPIOF_PUR register.
D1
(GPIOF10)
60
D2
(GPIOF11)
72
D3
(GPIOF12)
75
D4
(GPIOF13)
76
D5
(GPIOF14)
77
D6
(GPIOF15)
78
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com