Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8366 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8366 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
56F8366 Technical Data, Rev. 7
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0
Pre-release, Alpha customers only
Rev 1.0
Initial Public Release
Rev 2.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall
life expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed
PD in Table 10-3. Corrected note about average value for Flash Data Retention in Table 10-4.
Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 3.0
Deleted formula for Max Ambient Operating Temperature (Automotive) and Max Ambient
Operating Temperature (Industrial) and corrected Flash Endurance to 10,000 in Table 10-4.
Added RoHS-compliance and “pb-free” language to back cover
Rev 4.0
Added information/corrected state during reset in Table 2-2. Clarified external reference
crystal frequency for PLL in Table 10-14 by increasing maximum value to 8.4MHz.
Rev 5.0
Replaced “Tri-stated” with an explanation in State During Reset column in Table 2-2.
Rev. 6
• Added the following note to the description of the TMS signal in Table 2-2:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
• Added the following note to the description of the TRST signal in Table 2-2:
Note:
For normal operation, connect TRST directly to VSS. If the design is to be used in a debugging
environment, TRST may be tied to VSS through a 1K resistor.
Rev. 7
• Remove pullup comment from PWM pins in Table 2-2.
•Add Figure 10-1 showing current voltage characteristics.
•In Table 10-24, correct interpretation of Calibration Factors to be viewed as worst case
factors.
Please see http://www.freescale.com for the most current data sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com