Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8366 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 182 page
background image
56F8366 Technical Data, Rev. 7
18
Freescale Semiconductor
Preliminary
2.2 Signal Pins
After reset, each pin is configured for its primary function (listed first). Any alternate functionality must
be programmed.
Note: Signals in italics are NOT available in the 56F8166 device.
If the “State During Reset” lists more than one state for a pin, the first state is the actual reset state. Other
states show the reset condition of the alternate function, which you get if the alternate pin function is
selected without changing the configuration of the alternate peripheral. For example, the A8/GPIOA0 pin
shows that it is tri-stated during reset. If the GPIOA_PER is changed to select the GPIO function of the
pin, it will become an input if no other registers are changed.
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description
VDD_IO
1
Supply
I/O Power — This pin supplies 3.3V power to the chip I/O interface
and also the Processor core throught the on-chip voltage regulator,
if it is enabled.
VDD_IO
16
VDD_IO
31
VDD_IO
38
VDD_IO
66
VDD_IO
84
VDD_IO
119
VDDA_ADC
102
Supply
ADC Power — This pin supplies 3.3V power to the ADC modules.
It must be connected to a clean analog power supply.
VDDA_OSC_PLL
80
Supply
Oscillator and PLL Power — This pin supplies 3.3V power to the
OSC and to the internal regulator that in turn supplies the Phase
Locked Loop. It must be connected to a clean analog power
supply.
VSS
27
Supply
VSS — These pins provide ground for chip logic and I/O drivers.
VSS
37
VSS
63
VSS
69
VSS
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com