Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13821 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Application Information
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
21
Out Ref P1dB
High Gain
Bypass
P1dBout
5.7
—
7.5
—
9.5
—
dBm
In Ref P1dB
High Gain
Bypass
P1dBin
-8
—
-7
—
-6
—
dBm
Noise Figure
High Gain
Bypass
NF
1.3
3
1.49
4.3
1.65
6
dB
Current Drain
High Gain
Bypass
ICC
3.9
2
4.45
4
5.5
20
mA
µA
Rbias R1 Value
—
1.2
—
k
Ω
Rstability R2 Value
—
3.3
—
k
Ω
Rstability R2 Value
—
10
—
Ω
Input Return Loss
High Gain
Bypass
S11
—
—
-11
-12
-10
-10
dB
Gain
High Gain
Bypass
S21
13.7
-4.9
14.5
-4.4
15.5
-3.9
dB
Reverse Isolation
High Gain
Bypass
S12
-20
-3.5
-22
-4.4
—
—
dB
Output Return Loss
High Gain
Bypass
S22
—
—
-14
-14
-10
-10
dB
R1 = 2.0 k
Ω, R2 = 3.3 kΩ (Refer to Figure 11)
Frequency
f
—
2140
—
MHz
Power Gain
High Gain
Bypass
G
14.7
-4.2
15.7
-3.2
17.5
-2.2
dB
Output Third Order Intercept Point
High Gain
Bypass
OIP3
17.8
18.3
19.2
21.3
21
23.3
dBm
Input Third Order Intercept Point
High Gain
Bypass
IIP3
2.5
22.5
3.5
24.5
4.5
25.5
dBm
Out Ref P1dB
High Gain
Bypass
P1dBout
8.7
—
10.7
—
12.5
—
dBm
Table 8. Typical 2140 MHz LNA Demo Board Performance (continued)
(Resistor values of R1 and R2 are changed for different ICC and IP3 requirements.)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com