Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13821 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13821 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Introduction
MC13821 Data Sheet: Technical Data, Rev. 1.5
2
Freescale Semiconductor
•
Freescale’s IP3 Boost Circuitry
•
Bypass Mode Included for Improved Intercept Point Performance
•
Total Supply Current:
2.8 mA @ 2.7 Vdc
10 µA (typ) in Bypass Mode
•
Bias Stabilized for Device and Temperature Variations
•
QFN-12 Leadless Package with Low Parasitics
•
SiGe Technology Ensures Lowest Possible Noise Figure
Figure 1. Simplified Block Diagram
2
1
3
4
5
6
12
11
10
8
9
7
Gnd
LNA
Out
LNA
In
Gain
Enable
VCC1
MC13821
Rbias
Emit
Gnd
Logic
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com