Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13821 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC13821 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC13821 Datasheet HTML 42Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Scattering Parameters
MC13821 Data Sheet: Technical Data, Rev. 1.5
Freescale Semiconductor
39
Figure 20. Constant Noise Figure and Gain Circles. 2140 MHz, Rbias =1.2 k
Ω
Figure 21. Constant Noise Figure and Gain Circles. 2140 MHz, Rbias =1.2 k
Ω
(shaded regions are potentially unstable)
f(GHz)
NFmin
Gamma-Opt
Rn (
Ω)K
2.1
0.96
0.30/_50.1
12.5
0.76
(shaded regions are potentially unstable)
f(GHz)
NFmin
Gamma-Opt
Rn (
Ω)K
2.1
0.96
0.37/_49.7
14.0
0.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com