Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIP Datasheet(PDF) 10 Page - Champion Microelectronic Corp.

Part # CM6800AGIP
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIP Datasheet(HTML) 10 Page - Champion Microelectronic Corp.

Back Button CM6800AGIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 13Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 14Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 10
OSCILLATOR
3
ISENSE
7
RAMP1
GAIN
MODULATOR
4
VRMS
2
IAC
18
VFB
12
PFC OUT
7.5V
REFERENCE
1
IEAO
13
VCC
16
VEAO
14
VREF
0.5V
0.3V
-1V
VCC
2.5V
17.9V
VCC
GND
2.75V
MNPFC
GMi
+
-
.
+
-
VCC OVP
MPPFC
S
R
Q
Q
GMv
+
-
.
3.5K
+
-
PFC ILIMIT
3.5K
PFC OVP
+
-
.
+
-
S
R
Q
Q
CLK
LOW POWER
DETECT
PFC CMP
POWER
FACTOR
CORRECTOR
TRI-FAULT
Figure 1. PFC Section Block Diagram
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a
negative resistor; an increase in input voltage to the PWM
causes a decrease in the input current. This response
dictates
the
proper
compensation
of
the
two
transconductance error amplifiers. Figure 2 shows the types
of compensation networks most commonly used for the
voltage and current error amplifiers, along with their
respective return points. The current loop compensation is
returned to VREF to produce a soft-start characteristic on the
PFC: as the reference voltage comes up from zero volts, it
creates a differentiated voltage on IEAO which prevents the
PFC from immediately demanding a full duty cycle on its
boost converter.
PFC Voltage Loop
There are two major concerns when compensating the
voltage loop error amplifier, VEAO; stability and transient
response.
Optimizing
interaction
between
transient
response and stability requires that the error amplifier’s
open-loop crossover frequency should be 1/2 that of the
line frequency, or 23Hz for a 47Hz line (lowest anticipated
international power frequency). The gain vs. input voltage
of the CM6800A’s voltage error amplifier, VEAO has a
specially shaped non-linearity such that under steady-state
operating conditions the transconductance of the error
amplifier is at a local minimum. Rapid perturbation in line or
load conditions will cause the input to the voltage error
amplifier (VFB) to deviate from its 2.5V (nominal) value. If
this happens, the transconductance of the voltage error
amplifier will increase significantly, as shown in the Typical
Performance
Characteristics.
This
raises
the
gain-bandwidth product of the voltage loop, resulting in a
much more rapid voltage loop response to such
perturbations than would occur with a conventional linear
gain characteristics.
The Voltage Loop Gain (S)
CV
V
DC
EAO
2
OUTDC
IN
FB
EAO
OUT
FB
EAO
OUT
Z
*
GM
*
C
*
S
*
V
*
V
V
5
.
2
*
P
V
V
*
V
V
*
V
V
Δ
≈
Δ
Δ
Δ
Δ
Δ
Δ
=
ZCV: Compensation Net Work for the Voltage Loop
GMv: Transconductance of VEAO
PIN: Average PFC Input Power
VOUTDC: PFC Boost Output Voltage; typical designed value is
380V.
CDC: PFC Boost Output Capacitor
PFC Current Loop
The current amplifier, IEAO compensation is similar to that of
the voltage error amplifier, VEAO with exception of the choice
of crossover frequency. The crossover frequency of the
current amplifier should be at least 10 times that of the
voltage amplifier, to prevent interaction with the voltage loop.
It should also be limited to less than 1/6th that of the
switching frequency, e.g. 16.7kHz for a 100kHz switching
frequency.
The Current Loop Gain (S)
CI
I
S
OUTDC
SENSE
EAO
EAO
OFF
OFF
ISENSE
Z
*
GM
*
V
5
.
2
*
L
*
S
R
*
V
I
I
*
I
D
*
D
V
≈
Δ
Δ
Δ
Δ
Δ
Δ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com