Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIP Datasheet(PDF) 14 Page - Champion Microelectronic Corp.

Part # CM6800AGIP
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIP Datasheet(HTML) 14 Page - Champion Microelectronic Corp.

Back Button CM6800AGIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 13Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 14Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 15Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 16Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 17Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 18Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 14
Leading/Trailing Modulation
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will turn
on right after the trailing edge of the system clock. The error
amplifier output is then compared with the modulating ramp
up. The effective duty cycle of the trailing edge modulation
is determined during the ON time of the switch. Figure 4
shows a typical trailing edge control scheme.
In case of leading edge modulation, the switch is turned
OFF right at the leading edge of the system clock. When
the modulating ramp reaches the level of the error amplifier
output voltage, the switch will be turned ON. The effective
duty-cycle of the leading edge modulation is determined
during OFF time of the switch. Figure 5 shows a leading
edge control scheme.
One of the advantages of this control technique is that it
required only one system clock. Switch 1(SW1) turns off and
switch 2 (SW2) turns on at the same instant to minimize the
momentary “no-load” period, thus lowering ripple voltage
generated by the switching action. With such synchronized
switching, the ripple voltage of the first stage is reduced.
Calculation and evaluation have shown that the 120Hz
component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com