Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIP Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM6800AGIP
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIP Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM6800AGIP Datasheet HTML 1Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGIP Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 3
BLOCK DIAGRAM (CM6800A)
7
RAMP1
PFC OVP
+
-
.
UVLO
11
PWM OUT
2
IAC
SW SPST
GND
S
R
Q
Q
CM6800A(ON:13V/OFF:10V)
gmv
+
-
.
PULSE
WIDTH
MODULATOR
OSCILLATOR
3.5K
2.75V
4
VRMS
PWM
DUTY
S
R
Q
+
-
VCC OVP
12
PFC OUT
350
+
-
10
GND
LOW POWER
DETECT
COMPARATOR
16
VEAO
VIN OK
+
-
.
Vcc
6
VDC
GND
VCC
SW SPST
15
VFB
5
SS
MNPWM
POWER
FACTOR
CORRECTOR
VCC
17.9V
VCC
3.5K
20uA
2.25V
PWMOUT
7.5V
REFERENCE
gmi
+
-
.
DC ILIMIT
9
DC ILIMIT
VREF
VCC
MNPFC
VCC
350
SW SPST
0.3V
2.5V
1
IEAO
S
R
Q
Q
VFB
1V
S
R
Q
Q
PFCOUT
GAIN
MODULATOR
SW SPST
8
RAMP2
13
VCC
MPPWM
-1V
3
ISENSE
MPPFC
CLK
DUTY CYCLE
LIMIT
14
VREF
+
-
PFC ILIMIT
1V
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6800AGIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6800AXIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6800AGIS*
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6800AGISTR*
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6800AXIS*
-40℃ to 125℃
16-Pin Wide SOP (S16)
CM6800AXISTR*
-40℃ to 125℃
16-Pin Wide SOP (S16)
*Note: G : Suffix for Pb Free Product
X : Suffix for Halogen Free Product
TR : Package is Typing Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com