Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIS Datasheet(PDF) 15 Page - Champion Microelectronic Corp.

Part # CM6800AGIS
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIS Datasheet(HTML) 15 Page - Champion Microelectronic Corp.

Back Button CM6800AGIS Datasheet HTML 10Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 11Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 12Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 13Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 14Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 15Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 16Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 17Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 18Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 15
APPLICATION CIRCUIT (Voltage Mode)
SS
VREF
VEAO
IEAO
VCC
PFC_DC
VFB
D5
PFC_VIN
PFC_Vout
IVIN
PWM_Vout
PWM_DC
ISENSE
VRMS
C51
R61
470
C47
VCC
ILIMIT
VDC
VREF
R32
C31
C4
R32A
C38
R60
C18
C44
C19
C45
C39
R33
R64
R49
R43
C40
C46
R46
R48
R45
ZD2
U1
CM431
R66
VCC
C52
PWM_OUT
C54
C53
VCC
R44
VREF
R63
C56
C22
IVIN_EMC
C34
C15
C57
R23
75
IVIN
D13
MUR1100
R25
10k
R24
22
R22
22
Q4
Q3
IBOOT
IAC
R5
R3
C23
C7
R2
R27
100k
R1
PFC_Vout
Q2
Q2N904
Q7
Q2N904
L2
IL1
L3
C43
C41
R58
C8
C3
L5
C17
PWM_Rload
500m
IC10
L4
R35
4.7
PFC_Vout
C10
C22
ILOAD
IC18
Q6
Q2N2222
IL4
IC17
R31
R29
10k
R28
22
PWM_IN
IBIAS
D5
R26
18k
U2 CM6800/01/24
2
1
3
13
14
15
16
4
5
6
7
8
9
10
11
12
IAC
IEAO
I-SENSE
VCC
VREF
VFB
VEAO
VRMS
SS
VDC
RAMP1
RAMP2 ILIMIT
GND
PWM-OUT
PFC-OUT
Q1
Q2N2222
D12
1N4148
PWM_OUT
VCC
D10
MUR1100
D6
1N4002
L1
D7
1N4002
C55A
R65A
R59
R17A
R18
R16A
Q3
C33
R14
R15
R12
R13
C30
D9A
D8
MUR1100
D16
1N4148
D9B
ILIMIT
ZD1
6.8V
R10
R34
4.7
R11
C14
T1
T 2:3
VIN
AC
PFC_VIN
R62
C50
C2
ISO1
D4
R57
RT1
C49
R56
C48
VDC
1u
100n
100n
470p
EMC FILTER
10n
10n
10n
100n
10n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com