Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIS Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM6800AGIS
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIS Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM6800AGIS Datasheet HTML 1Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC
20
V
IEAO
0
7.5
V
ISENSE Voltage
-5
0.7
V
GND – 0.3
VCC + 0.3
V
GND – 0.3
VCC + 0.3
V
PFC OUT
PWMOUT
Voltage on Any Other Pin
GND – 0.3
VCC + 0.3
V
IREF
10
mA
IAC Input Current
1
mA
Peak PFC OUT Current, Source or Sink
1
A
Peak PWM OUT Current, Source or Sink
1
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
μ J
Junction Temperature
150
℃
Storage Temperature Range
-65
150
℃
Operating Temperature Range
-40
125
℃
Lead Temperature (Soldering, 10 sec)
260
℃
Thermal Resistance (θJA)
Plastic DIP
Plastic SOIC
80
105
℃
/W
℃
/W
Power Dissipation (PD) TA<50℃
800
mW
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply Vcc=+15V, R
T
= 30.16kΩ, CT = 1000pF, TA=Operating Temperature Range (Note 1)
CM6800A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Voltage Error Amplifier (gmv)
Input Voltage Range
0
6
V
Transconductance
VNONINV = VINV, VEAO = 3.75V
at room temp
50
70
90
μ mho
Feedback Reference Voltage
2.45
2.5
2.55
V
Input Bias Current
Note 2
-1.0
-0.05
μ A
Output High Voltage
5.8
6.0
V
Output Low Voltage
0.1
0.4
V
Sink Current
VFB = 3V, VEAO = 6V
-35
-20
μ A
Source Current
VFB = 1.5V, VEAO = 1.5V
30
40
μ A
Open Loop Gain
50
60
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
50
60
dB
Current Error Amplifier (gmi)
Input Voltage Range
-1.5
0.7
V
Transconductance
VNONINV = VINV, VEAO = 3.75V
at room temp
50
85
100
μ mho
Input Offset Voltage
-25
25
mV
Output High Voltage
4.0
4.25
V
Output Low Voltage
1.0
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com