Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIS Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM6800AGIS
Description  LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6800AGIS Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM6800AGIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 9Page - Champion Microelectronic Corp. CM6800AGIS Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CM6800A
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2009/08/10 Rev. 1.6
Champion Microelectronic Corporation
Page 6
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 30.16kΩ, CT = 1000pF, TA=Operating Temperature Range (Note 1)
CM6800A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Oscillator
Initial Accuracy
TA = 25℃
60
70
kHz
Voltage Stability
11V < VCC < 16.5V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp
52
74
kHz
Ramp Valley to Peak Voltage
2.5
V
PFC Dead Time (Note 4)
360
640
ns
CT Discharge Current
VRAMP2 = 0V, VRAMP1 = 2.5V
6.5
15
mA
Reference
Output Voltage
TA = 25℃, I(VREF) = 1mA
7.4
7.5
7.6
V
Line Regulation
11V < VCC < 16.5V
10
25
mV
0mA < I(VREF) < 7mA; TA = 0℃~70℃
10
20
mV
Load Regulation
0mA < I(VREF) < 5mA; TA = -40℃~85℃
10
20
mV
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
7.35
7.65
V
Long Term Stability
TJ = 125℃, 1000HRs
5
25
mV
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%
IOUT = -20mA at room temp
15
ohm
IOUT = -100mA at room temp
15
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V at room temp
0.4
0.8
V
IOUT = 20mA at room temp
15
20
ohm
Output High Rdson
IOUT = 100mA at room temp
15
20
ohm
Rise/Fall Time (Note 4)
CL = 1000pF
50
ns
PWM
Duty Cycle Range
0-45
0-47
0-49
%
IOUT = -20mA at room temp
15
ohm
IOUT = -100mA at room temp
15
ohm
Output Low Rdson
IOUT = 10mA, VCC = 9V
0.4
0.8
V
IOUT = 20mA at room temp
15
20
ohm
Output High Rdson
IOUT = 100mA at room temp
15
20
ohm
Rise/Fall Time (Note 4)
CL = 1000pF
50
ns
PWM Comparator Level Shift
0.7
1.0
1.1
V
Supply
Start-Up Current
VCC = 12V, CL = 0 at room temp
100
150
μ A
Operating Current
14V, CL = 0
3.0
7.0
mA
Undervoltage Lockout Threshold
CM6800A
12.74
13
13.26
V
Undervoltage Lockout Hysteresis
CM6800A
2.85
3.0
3.15
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain = K x 5.375V; K = (ISENSE – IOFFSET) x [IAC (VEAO – 0.625)]
-1; VEAOMAX = 6V
Note 4: Guaranteed by design, not 100% production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com