Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSEC3 Datasheet(PDF) 1 Page - MMD Components

Part # HSEC3
Description  6.0mm x 3.5 mm x1.2mm Ceramic Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

HSEC3 Datasheet(HTML) 1 Page - MMD Components

  HSEC3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision H070808G
H Series Crystal
6.0mm x 3.5 mm x1.2mm Ceramic Package
Tight Tolerance and Stability
Wide Frequency Range
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR (Ohms)
Mode / Cut
8.000MHZ to 10.999MHZ
100 max
Fund / AT
11.000MHZ to 11.999MHZ
80 max
Fund / AT
12.000MHZ to 15.999MHZ
60 max
Fund / AT
16.000MHZ to 39.999MHZ
40 max
Fund / AT
40.000MHZ to100.000MHZ
70 max
3
rd OT/ AT
MARKING:
Frequency Range
8.000MHZ to 100.000MHZ
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm per year max
Shunt Capacitance
7pF max
Load Capacitance
20pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental / 3
rd OT
Drive Level
100µW max
Insulation Resistance
500 M ohms min at 100VDC ±15VDC
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes Ro S Compliant
H
MECHANICALS DETAIL:
6.20 [.244]
MAX
3.70 [.146]
MAX
3.00 [.118]
1.50 [.059]
2.40 [.094]
1.10 [.043]
1.40 [.055]
2.00 [.079]
MARKING
1
2
34
PIN 1
PIN 2
PIN 3
PIN 4
CRYSTAL
CASE GROUND
CRYSTAL
CASE GROUND
PIN CONNECTIONS
Dimension in Brackets are in Inches
Recommended
Land Pattern
1.20 [.047]
MAX
PART NUMBER GUIDE:
Load Capacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
N = ±10 ppm / ±10 ppm
Frequency
* Please consult with MMD sales department for any other parameters or options.
** Not all Frequency Tolerance/Stability options available at this temperature range.
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C **
Value Added Options
Blank = No Added Options
T = Tape and Reel
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
H
6mm X 3.5mm x 1.2mm
4 Pads
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - HSEC3

ManufacturerPart #DatasheetDescription
logo
Clarke International
HSEC1400A CLARKE-HSEC1400A Datasheet
3Mb / 16P
HD SUBMERSIBLE CUTTER PUMPS
GC0921 - rev 2
HSEC650A CLARKE-HSEC650A Datasheet
3Mb / 16P
HD SUBMERSIBLE CUTTER PUMPS
GC0921 - rev 2
HSEC651A CLARKE-HSEC651A Datasheet
3Mb / 16P
HD SUBMERSIBLE CUTTER PUMPS
GC0921 - rev 2
logo
Advanced Semiconductor
HSeCaAdS-0440-08C ASI-HSeCaAdS-0440-08C Datasheet
1Mb / 9P
Silicon MOSFET Technology
REV. A
HSeCaAdS-0440-08C ASI-HSeCaAdS-0440-08C Datasheet
1Mb / 9P
Excellent Thermal Stability
REV. A
More results

Similar Description - HSEC3

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
MMD Components
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
EUROQUARTZ limited
MFCRYSTALS EUROQUARTZ-MFCRYSTALS Datasheet
110Kb / 1P
Miniature size: 6.0mm x 3.5mm height
logo
ILSI America LLC
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
Panasonic Semiconductor
EVQ-PJX05M PANASONIC-EVQ-PJX05M Datasheet
270Kb / 5P
6.0mm x 3.5 mm Square Light Touch Switches
logo
Fox Electronics
C6AS FOX-C6AS Datasheet
192Kb / 3P
6.0mm x 3.5mm Ceramic SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com