Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9303 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 17Page - SMSC Corporation LAN9303 Datasheet HTML 18Page - SMSC Corporation LAN9303 Datasheet HTML 19Page - SMSC Corporation LAN9303 Datasheet HTML 20Page - SMSC Corporation LAN9303 Datasheet HTML 21Page - SMSC Corporation LAN9303 Datasheet HTML 22Page - SMSC Corporation LAN9303 Datasheet HTML 23Page - SMSC Corporation LAN9303 Datasheet HTML 24Page - SMSC Corporation LAN9303 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
21
Revision 1.3 (08-27-09)
DATASHEET
internal Port 1&2 PHY registers or to all non-PHY registers (using addresses 16-31 and a non-standard
extended address map). MIIM and SMI use the same pins and protocol and differ only in that SMI
provides access to all internal registers while MIIM provides access to only the Port 1&2 PHY registers.
A special mode provides access to the Virtual PHY, which mimics the register operation of a single
port standalone PHY. This is used for software compatibility in managed operation.
The selection of management modes is determined at startup via the P0_MODE[2:0], MNGT1_LED4P,
and MNGT0_LED3P straps as detailed in Table 2.1. System configuration diagrams for each mode are
provided in Figure 2.4.
Table 2.1 Device Modes
MODE
I2C INTERFACE
(MASTER/SLAVE)
SMI/MIIM
INTERFACE
P0_MODE[2:0]
STRAP VALUE
MNGT1_LED4P,
MNGT0_LED3PST
RAP VALUE
MAC SMI
I2C master used to load
initial configuration from
EEPROM and for CPU
R/W access to
EEPROM
SMI/MIIM slave,
used for CPU access
to internal PHYs and
non-PHY registers
000
01
MAC I2CI2C master used to load
initial configuration from
EEPROM and for CPU
R/W access to
EEPROM
I2C slave used for
management
MIIM master,
used for CPU access
to external PHY
registers
000
10
PHY SMI
I2C master used to load
initial configuration from
EEPROM and for CPU
R/W access to
EEPROM
SMI/MIIM slave,
used for CPU access
to internal PHYs,
Virtual PHY, and non-
PHY registers
001,
010,
011,
100,
101,
or 110
01
PHY I2CI2C master used to load
initial configuration from
EEPROM and for CPU
R/W access to
EEPROM
I2C slave used for
management
Virtual MIIM slave,
used for external
MAC access to
Virtual PHY registers
001,
010,
011,
100,
101,
or 110
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com