Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9303 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9303
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9303 Datasheet HTML 35Page - SMSC Corporation LAN9303 Datasheet HTML 36Page - SMSC Corporation LAN9303 Datasheet HTML 37Page - SMSC Corporation LAN9303 Datasheet HTML 38Page - SMSC Corporation LAN9303 Datasheet HTML 39Page - SMSC Corporation LAN9303 Datasheet HTML 40Page - SMSC Corporation LAN9303 Datasheet HTML 41Page - SMSC Corporation LAN9303 Datasheet HTML 42Page - SMSC Corporation LAN9303 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
39
Revision 1.3 (08-27-09)
DATASHEET
Note 3.7
Please refer to the LAN9303/LAN9303i Reference Schematic and LANCheck Schematic
Checklist on the SMSC website for additional connection information.
Note 3.8
Please refer to the LAN9303/LAN9303i Reference Schematic and LANCheck Schematic
Checklist on the SMSC website for additional connection information.
Table 3.8 PLL Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
PLL +1.8V
Power Supply
VDD18PLL
P
This pin must be connected to VDD18CORE for
proper operation.
See Note 3.7.
1
Crystal Input
XI
ICLK
External 25MHz crystal input. This signal can also
be driven by a single-ended clock oscillator. When
this method is used, XO should be left
unconnected.
1
Crystal Output
XO
OCLK
External 25MHz crystal output.
Table 3.9 Core and I/O Power and Ground Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
5
+3.3V I/O
Power
VDD33IO
P
+3.3V Power Supply for I/O Pins and Internal
Regulator.
See Note 3.8.
2
Digital Core
+1.8V Power
Supply Output
VDD18CORE
P
+1.8V power from the internal core voltage
regulator. All VDD18CORE pins must be tied
together for proper operation.
See Note 3.8.
1
PAD
Common
Ground
VSS
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com