Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC698LP5 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 19
HMC698LP5(E) Programming Truth Table
Division
Ratio n
N Counter
N Counter
Decimal Set
Swallow
S Counter
Swallow S
Decimal Set
(LSB)
N0
N1
N2
N3
N4
N5
(LSB)
S0
S1
12
3200
0
1
0
0
0
0
0
0
13
3211
0
1
0
0
0
0
1
0
14
3222
0
1
0
0
0
0
0
1
15
3233
0
1
0
0
0
0
1
1
16
4300
1
1
0
0
0
0
0
0
17
4311
1
1
0
0
0
0
1
0
18
4322
1
1
0
0
0
0
0
1
19
4333
1
1
0
0
0
0
1
1
20
5400
0
0
1
0
0
0
0
0
21
5411
0
0
1
0
0
0
1
0
22
5422
0
0
1
0
0
0
0
1
23
5433
0
0
1
0
0
0
1
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
252
63
62
0
0
01111100
253
63
62
1
1
01111110
254
63
62
2
2
01111101
255
63
62
3
3
01111111
256
64
63
0
0
11111100
257
64
63
1
1
11111110
258
64
63
2
2
11111101
259
64
63
3
3
11111111
N = INT (n/P)
S = MOD (n/P)
Where: n = Desired division ratio
P = Prescaler value = 4
N = Counter N value (counter decimal set is N - 1)
HMC698LP5(E) Programming Truth Table, Non-Continuous Division Ratios
Division
Ratio n
N Counter
N Counter
Decimal Set
Swallow
S Counter
Swallow S
Decimal Set
(LSB)
N0
N1
N2
N3
N4
N5
(LSB)
S0
S1
82100
1
0
0
0
0
0
0
0
92111
1
0
0
0
0
0
1
0
10
2122
1
0
0
0
0
0
0
1
N = INT (n/P)
S = MOD (n/P)
Where: n = Desired division ratio
P = Prescaler value = 4
N = Counter N value (counter decimal set is N - 1)
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com