Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC698LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC698LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 13
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)
Phase Noise Floor [1][2][3]
Ref = Sine Wave, Vcc = 4.75V
Phase Noise Floor [1][2][3]
Ref = Sine Wave, Vcc = 5V
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
Phase Noise Floor [1][2][3]
Ref = Square Wave, Vcc = 4.75V
Phase Noise Floor [1][2][3]
Ref = Square Wave, Vcc = 5V
Phase Noise Floor [1][2][3]
Ref = Sine Wave, Vcc = 5.25V
Phase Noise Floor [1][2][3]
Ref = Square Wave, Vcc = 5.25V
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
-10 dBm
-5 dBm
0 dBm
+5 dBm
OFFSET FREQUENCY (Hz)
[1] Phase Noise Floor vs Offset Frequency with varying Ref Power Level
[2] Fin= 7000 MHz @ 0 dBm, Ref Frequency = 100 MHz, N = 70
[3] Phase Noise Floor remains constant beyond 100 kHz offset frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com