Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC698LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC698LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC698LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 12
General Description
Features
Functional Diagram
Typical Applications
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)
HMC698LP5 / 698LP5E
v03.0709
The HMC698LP5(E) is a frequency synthesizer with
a wideband reversible polarity digital PFD and lock
detect output. The divider operates unconditionally
from 80 - 7000 MHz with a continuous integer division
ratio of 12 to 259. The HMC698LP5(E) high frequency
operation along with ultra low phase noise floor make
possible synthesizers with wide loop bandwidth and
low N resulting in fast settling and very low phase
noise. When used in conjunction with a differential
loop filter, the HMC698LP5(E) can be used to phase
lock a VCO to a reference oscillator.
Ultra Low SSB Phase Noise Floor:
-153 dBc/Hz @ 10 kHz offset @ 100 MHz
Reference Frequency.
Programmable Divider (N= 12 - 259) Operating
up to 7 GHz
Open Collector Output Buffer Amplifiers for
Interfacing w/ Op-Amp Based Loop Filter
Reversible Polarity PFD w/ Lock Detect Output
32 Lead 5x5mm SMT Package: 25mm2
Electrical Specifications, T
A = +25° C, Vcc = Vcc1 = Vcc2 = Vcc3 = Vcc_ pd = 5V
The HMC698LP5(E) is ideal for:
• Satellite Communication Systems
• Point-to-Point Radios
• Military Applications
• Sonet Clock Generation
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Ref. Input Frequency
Sine or Square Wave Input [1]
1300
MHz
Minimum Ref. Input Frequency
Square Wave Input [2]
10
MHz
Reference Input Power Range
100 MHz Frequency
-5
+5
dBm
Maximum VCO Input Frequency
7000
MHz
Minimum VCO Input Frequency
80
MHz
VCO Input Power Range
100 MHz Input Frequency
-10
+5
dBm
PFD Output Voltage
2000
mV, Pk - Pk
PFD Gain
Gain = Vpp / 2π Rad.
0.32
V/Rad.
SSB Phase Noise
@ 10 kHz Offset @ 100 MHz Square Wave Ref. Input
Pin= 0 dBm
-153
dBc/Hz
Total Supply Current
310
mA
[1] Maximum frequencies may be limited by available counter division ratio.
[2] Square wave input achieves best phase noise at lower ref. frequency (see sine & square wave comparison plots)


Similar Part No. - HMC698LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC698LP5 HITTITE-HMC698LP5 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
logo
Analog Devices
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5E HITTITE-HMC698LP5E Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
More results

Similar Description - HMC698LP5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC699LP5 HITTITE-HMC699LP5_10 Datasheet
1,010Kb / 12P
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
2.9 GHz INTEGER-N SYNTHESIZER
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com