Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. CPC5621 Datasheet HTML 14Page - Clare, Inc. CPC5621 Datasheet HTML 15Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CPC5620/CPC5621
R04
www.clare.com
11
The ringing detection threshold depends on the values
of R3 (RSNPD), R6 & R44 (RSNP-), R7 & R45 (RSNP+),
C7 (CSNP-), and C8 (CSNP+). The value of these
components shown in the application circuits are
recommended for typical operation. The ringing
detection threshold can be changed according to the
following formula:
Where:
• R
SNPD = R3 in the application circuits shown in this
data sheet.
• RSNP
TOTAL = the total of R6, R7, R44, and R45 in
the application circuits shown in this data sheet.
• C
SNP = C7 = C8 in the application circuits shown in
this data sheet.
• And ƒ
RING is the frequency of the ringing signal.
Clare Application Note AN-117 Customize Caller ID Gain
and Ring Detect Voltage Threshold is a spreadsheet for
trying different component values in this circuit.
Changing the ringing detection threshold will also
change the caller ID gain and the timing of the polarity
reversal detection pulse, if used.
3.2.2 Polarity Reversal Detection with
CPC5621 in On-hook State
The full-wave ringing detector in the CPC5621 makes
it possible to detect on-hook tip and ring polarity
reversal using the RING output. When the polarity of
tip and ring reverses, a pulse on RING indicates the
event. Your system logic must be able to discriminate
this single pulse of approximately 1 msec (using the
recommended snoop circuit external components)
from a valid ringing signal.
3.2.3 On-hook Caller ID Signal Reception
On-hook caller ID (CID) signals are processed by
LITELINK by coupling the CID data burst through the
snoop circuit to the LITELINK RX outputs under
control of the CID pin. In North America, CID data
signals are typically sent between the first and second
ringing signal.
In North American applications, follow these steps to
receive on-hook caller ID data via the LITELINK RX
outputs:
1.
Detect the first ringing signal outputs on RING.
2.
Assert CID low.
3.
Process the CID data from the RX outputs.
4.
De-assert CID (high or floating).
Note: Taking LITELINK off-hook (via the OH pin)
disconnects the snoop path from both the receive
outputs and the RING output, regardless of the state
of the CID pin.
CID gain from tip and ring to RX+ and RX- is
determined by:
Where:
• R
SNPD = R3 in the application circuits in this data
sheet
• RSNP
TOTAL = the total of R6, R7, R44, and R45 in
the application circuits in this data sheet
• C
SNP = C7 = C8 in the application circuits in this data
sheet
• and where ƒ is the frequency of the CID signal
The recommended components in the application
circuit yield a gain 0.27 dB at 2000 Hz. Clare
Application Note AN-117 Customize Caller ID Gain and
Ring Detect Voltage Threshold is a spreadsheet for trying
different component values in this circuit. Changing
the CID gain will also change the ring detection
threshold and the timing of the polarity reversal
detection pulse, if used.
For single-ended receive applications where only one
RX output is used, the snoop circuit gain can be
adjusted back to 0 dB by changing the value of the
snoop series resistors R6, R7, R44 and R45 from
1.8M
Ω to 715kΩ. This change results in negligible
modification to the ringing detect threshold.
3.3 Off-Hook Operation: OH=0
3.3.1 Receive Signal Path
Signals to and from the telephone network appear on
the tip and ring connections of the application circuit.
Receive signals are extracted from transmit signals by
the LITELINK two-wire to four-wire hybrid. Next, the
receive signal is converted to infrared light by the
receive photodiode amplifier and receive path LED.
The intensity of the light is modulated by the receive
VRINGPK
750mV
RSNPD
-----------------
⎝⎠
⎛⎞
RSNP
TOTAL
RSNPD
+
()
2
1
πf
RINGCSNP
()
2
--------------------------------------
+
=
GAINCID dB
()
20
6RSNPD
RSNP
TOTAL
RSNPD
+
()
2
1
πfC
SNP
()
2
--------------------------
+
-------------------------------------------------------------------------------------------------
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com