Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5621 Datasheet HTML 1Page - Clare, Inc. CPC5621 Datasheet HTML 2Page - Clare, Inc. CPC5621 Datasheet HTML 3Page - Clare, Inc. CPC5621 Datasheet HTML 4Page - Clare, Inc. CPC5621 Datasheet HTML 5Page - Clare, Inc. CPC5621 Datasheet HTML 6Page - Clare, Inc. CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS-CPC5620/CPC5621 - R04
www.clare.com
1
3kVrms
Isolation
RoHS
2002/95/EC
e3
Pb
Features
• Superior voice solution with low noise, excellent
part-to-part gain accuracy
• 3 kV
rms line isolation
• Transmit power of up to +10 dBm into 600
Ω
• Data access arrangement (DAA) solution for
modems at speeds up to V.92
• 3.3 or 5 V power supply operation
• Caller ID signal reception function
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• CPC5620 and CPC5621 can be used in circuits that
comply with the requirements of TIA/EIA/IS-968
(FCC part 68), UL1950, UL60950, EN/IEC 60950-1
Supplementary Isolation compliant, EN55022B,
CISPR22B, EN55024, and TBR-21
• Line-side circuit powered from telephone line
• Compared to other silicon DAA solutions, LITELINK:
- Uses fewer passive components
- Takes up less printed-circuit board space
- Uses less telephone line power
- Offers simplified operation
- Is a single-IC solution
Applications
• Computer telephony and gateways, such as VoIP
• PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals, automated
banking, remote metering, vending machines,
security, and surveillance
Description
LITELINK III is a single-package silicon phone line
interface (PLI) DAA used in voice and data
communication applications to make connections
between low-voltage equipment and high-voltage
telephone networks.
LITELINK provides a high-voltage isolation barrier, AC
and DC phone line terminations, switch hook, 2-wire to
4-wire hybrid, ring detection, and on-hook signal
detection. LITELINK can be used in both differential
and single-ended signal applications.
LITELINK uses on-chip optical components and a few
inexpensive external components to form a complete
voice or high-speed data phone line interface.
LITELINK eliminates the need for large isolation
transformers or capacitors used in other interface
configurations. It includes the required high-voltage
isolation barrier in a surface-mount SOIC package.
The CPC5620 (half-wave ringing detect) and
CPC5621 (full-wave ringing detect) build upon Clare’s
LITELINK product line, with improved insertion loss
control, improved noise performance, and lower
minimum current draw from the phone line. The new
mode pin enables worldwide implementation.
Ordering Information
Figure 1. CPC5620/CPC5621 Block Diagram
Part Number
Description
CPC5620A
32-pin SOIC, half-wave ring detect, 50/Tube
CPC5620ATR
32-pin SOIC, half-wave ring detect, 1000/Reel
CPC5621A
32-pin SOIC, full-wave ring detect, 50/Tube
CPC5621ATR
32-pin SOIC, full-wave ring detect, 1000/Reel
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hookswitch
Isolation Barrier
Vref
Gain Trim
Vref
Gain Trim
Snoop Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP+
RING-
Transmit
Diff.
Amplifier
Receive
Diff.
Amplifier
CID/
RING
MUX
Tx+
Tx-
OH
RING
MODE
CID
Rx+
Rx-
Current Limit Control
AC Impedance Control
VI Slope Control
C
SNOOP
C
SNOOP
R
SNOOP
R
SNOOP
CPC5620/CPC5621
LITELINK® III Phone Line Interface IC (DAA)


Similar Part No. - CPC5621

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5621 CLARE-CPC5621 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5621 IXYS-CPC5621 Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5621A CLARE-CPC5621A Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5621A IXYS-CPC5621A Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5621ATR CLARE-CPC5621ATR Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
More results

Similar Description - CPC5621

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
logo
fujitsu semiconductor
MB4752A FUJITSU-MB4752A Datasheet
652Kb / 11P
SUBSCRIBER LINE INTERFACE IC
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
PLC Powerline DAA IC
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
Speaker Phone IC
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
Superworld Electronics
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
PHONE LINE FILTER
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com