Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC5621 Datasheet HTML 1Page - Clare, Inc. CPC5621 Datasheet HTML 2Page - Clare, Inc. CPC5621 Datasheet HTML 3Page - Clare, Inc. CPC5621 Datasheet HTML 4Page - Clare, Inc. CPC5621 Datasheet HTML 5Page - Clare, Inc. CPC5621 Datasheet HTML 6Page - Clare, Inc. CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CPC5620/CPC5621
4
www.clare.com
R04
1.2 Performance
Parameter
Minimum
Typical
Maximum
Unit
Conditions
DC Characteristics
Operating Voltage VDD
3.0
-
5.50
V
Low-voltage side
Operating Current IDD
-
9
13
mA
Low-voltage side
Operating Voltage VDDL
2.8
-
3.2
V
Line side, derived from tip and ring
Operating Current IDDL
-
7
8
mA
Line side, drawn from tip and ring while off-hook
On-hook Characteristics
Metallic DC Resistance
10
-
-
M
Ω
Tip to ring, 100 VDC applied
Longitudinal DC Resistance
10
-
-
M
Ω
150 VDC applied from tip and ring to Earth ground
Ringing Signal Detect Level
5
-
-
Vrms
68 Hz ring signal applied tip to ring
Ringing Signal Detect Level
28
-
-
Vrms
15 Hz ring signal applied tip to ring
Snoop Circuit Frequency Response
166
-
>4000
Hz
-3 dB corner frequency @ 166 Hz, in Clare
application circuit
Snoop Circuit CMRR 1
-40-
dB
120 Vrms 60 Hz common-mode signal across tip
and ring
Ringer Equivalence
-
0.1B
-
REN
Longitudinal Balance 1
60
-
-
dB
Per FCC part 68
Off-Hook Characteristics
AC Impedance
-
600
-
Ω
Tip to ring, using resistive termination application
circuit
Longitudinal Balance
40
-
-
dB
Per FCC part 68
Return Loss
-
26
-
dB
Into 600
Ω at 1800 Hz
Transmit and Receive Characteristics
Frequency Response
30
-
4000
Hz
-3 dB corner frequency 30 Hz
Transhybrid Loss
-
36
-
dB
Into 600
Ω at 1800 Hz, with C18 in the resistive
termination application circuit
Transmit and Receive Insertion Loss
-0.4
0
0.4
dB
30 Hz to 4 kHz, for resistive termination application
circuit with MODE de-asserted and for reactive
termination application circuit with MODE
asserted.
Average In-band Noise
-
-126
-
dBm/Hz
4 kHz flat bandwidth
Harmonic Distortion
-
-80
-
dB
-3 dBm, 600 Hz, 2nd harmonic
Transmit Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω
Receive Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω
RX+/RX- Output Drive Current
-
-
0.5
mA
Sink and source
TX+/TX- Input Impedance
60
90
120
k
Ω
Isolation Characteristics
Isolation Voltage
3000
-
-
Vrms
Line side to low-voltage side, one minute duration
Surge Rise Time
2000
-
-
V/
μS
No damage via tip and ring
MODE, OH, and CID Control Logic Inputs
Input Low Voltage
-
-
0.8
VIL
Input High Voltage
2.0
-
-
VIH
High Level Input Current
-
-
-120
μA
VIN ≤ VDD
Low Level Input Current
-
-
-120
μA
VIN = GND
RING Output Logic Levels
Output High Voltage
VDD -0.4
--
V
IOUT = -400 μA
Output Low Voltage
-
-
0.4
V
IOUT = 1 mA
Specifications subject to change without notice. All performance characteristics based on the use of Clare application circuits. Functional operation of the device at
conditions beyond those specified here is not implied. All specifications at 25°C and VDD = 5V unless otherwise noted.
1) This parameter is layout and component tolerance dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com