Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP258EN Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TOP258EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP258EN Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TOP258EN Datasheet HTML 28Page - Power Integrations, Inc. TOP258EN Datasheet HTML 29Page - Power Integrations, Inc. TOP258EN Datasheet HTML 30Page - Power Integrations, Inc. TOP258EN Datasheet HTML 31Page - Power Integrations, Inc. TOP258EN Datasheet HTML 32Page - Power Integrations, Inc. TOP258EN Datasheet HTML 33Page - Power Integrations, Inc. TOP258EN Datasheet HTML 34Page - Power Integrations, Inc. TOP258EN Datasheet HTML 35Page - Power Integrations, Inc. TOP258EN Datasheet HTML 36Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Rev. F 01/09
32
TOP252-262
www.powerint.com
Absolute Maximum Ratings(2)
DRAIN Peak Voltage .................................................................. -0.3 V to 700 V
DRAIN Peak Current: TOP252................................................................ 0.68 A
DRAIN Peak Current: TOP253................................................................. 1.37 A
DRAIN Peak Current: TOP254................................................................ 2.08 A
DRAIN Peak Current: TOP255.................................................................2.72 A
DRAIN Peak Current: TOP256................................................................ 4.08 A
DRAIN Peak Current: TOP257 ................................................................ 5.44 A
DRAIN Peak Current: TOP258................................................................ 6.88 A
DRAIN Peak Current: TOP259................................................................. 7.73 A
DRAIN Peak Current: TOP260................................................................ 9.00 A
DRAIN Peak Current: TOP261 ............................................................... 11.10 A
DRAIN Peak Current: TOP262............................................................... 11.10 A
CONTROL Voltage............................................................................-0.3 V to 9 V
CONTROL Current...................................................................................... 100 mA
VOLTAGE MONITOR Pin Voltage ............................................-0.3 V to 9 V
CURRENT LIMIT Pin Voltage ................................................-0.3 V to 4.5 V
MULTI-FUNCTION Pin Voltage .................................................-0.3 V to 9 V
FREQUENCY Pin Voltage ...........................................................-0.3 V to 9 V
Storage Temperature ...........................................................-65
°C to 150 °C
Operating Junction Temperature................................... -40 °C to 150 °C
Lead Temperature(1)......................................................................................260 °C
Notes:
1. 1/16 in. from case for 5 seconds.
2. Maximum ratings specified may be applied one at a time
without causing permanent damage to the product. Exposure
to Absolute Maximum Rating conditions for extended periods
of time may affect product reliability.
Thermal Impedance
Thermal Impedance: Y Package:
(
θ
JA
) .................................................................. 80 °C/W(1)
(
θ
JC
) ............................................... .....................2 °C/W(2)
P, G and M Packages:
(
θ
JA
) .........................................70 °C/W(3); 60 °C/W(4)
(
θ
JC
) ............................................... .................. 11 °C/W(5)
E/L Package:
(
θ
JA
) ................................................................105 °C/W(1)
(
θ
JC
) ............................................... .....................2 °C/W(2)
Notes:
1. Free standing with no heatsink.
2. Measured at the back surface of tab.
3. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
5. Measured on the SOURCE pin close to plastic interface.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 54
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Switching Frequency
in Full Frequency
Mode (average)
f
OSC
T
J = 25 °C
FREQUENCY Pin
Connected to SOURCE
119
132
145
kHz
TOP252-258Y
TOP255-262L
TOP252-262E
FREQUENCY Pin
Connected to CONTROL
59.4
66
72.6
TOP252-258Y
TOP255-262L
TOP252-262E
TOP252-258P/G/M
TOP259-261Y
59.4
66
72.6
Frequency Jitter
Δf
132 kHz Operation
±5
kHz
66 kHz Operation
±2.5
Frequency Jitter
Modulation Rate
f
M
250
Hz
Maximum Duty Cycle
DC
MAX
I
C = ICD1
I
V ≤ IV(DC) or IM ≤ IM(DC) or
V
V, VM = 0 V
75
78
83
%
I
V or IM = 95 μA
30
Soft-Start Time
t
SOFT
T
J = 25 °C
17
ms
PWM Gain
DC
reg
T
J = 25 °C
TOP252-255
-31
-25
-20
%/mA
TOP256-258
-27
-22
-17
TOP259-262
-25
-20
-15
PWM Gain
Temperature Drift
See Note A
-0.01
%/mA/°C
External Bias Current
I
B
66 kHz Operation
TOP252-255
0.9
1.5
2.1
mA
TOP256-258
1.0
1.6
2.2
TOP259-262
1.1
1.7
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com