Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP258EN Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP258EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP258EN Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP258EN Datasheet HTML 10Page - Power Integrations, Inc. TOP258EN Datasheet HTML 11Page - Power Integrations, Inc. TOP258EN Datasheet HTML 12Page - Power Integrations, Inc. TOP258EN Datasheet HTML 13Page - Power Integrations, Inc. TOP258EN Datasheet HTML 14Page - Power Integrations, Inc. TOP258EN Datasheet HTML 15Page - Power Integrations, Inc. TOP258EN Datasheet HTML 16Page - Power Integrations, Inc. TOP258EN Datasheet HTML 17Page - Power Integrations, Inc. TOP258EN Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Rev. F 01/09
14
TOP252-262
www.powerint.com
VBG + VT
1 V
VREF
200 A
400 A
CONTROL (C)
(Voltage Sense)
(Positive Current Sense - Undervoltage,
Overvoltage, ON/OFF, Maximum Duty
Cycle Reduction, Output Over-
voltage Protection)
(Negative Current Sense - ON/OFF,
Current Limit Adjustment)
PI-4714-071408
TOPSwitch-HX
VOLTAGE MONITOR (V)
EXTERNAL CURRENT LIMIT (X)
Y, E/L and M Package
VBG + VT
VREF
200 A
400 A
CONTROL (C)
MULTI-FUNCTION (M)
(Positive Current Sense - Undervoltage,
Overvoltage, Maximum Duty Cycle Reduction,
Output Overvoltage Protection)
(Negative Current Sense - ON/OFF,
Current Limit Adjustment)
PI-4715-071408
TOPSwitch-HX
P and G Package
Figure 13a. VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pin Input Simplified Schematic.
Figure 13b. MULTI-FUNCTION (M) Pin Input Simplified Schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com