Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP258EN Datasheet(PDF) 33 Page - Power Integrations, Inc.

Part # TOP258EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP258EN Datasheet(HTML) 33 Page - Power Integrations, Inc.

Back Button TOP258EN Datasheet HTML 29Page - Power Integrations, Inc. TOP258EN Datasheet HTML 30Page - Power Integrations, Inc. TOP258EN Datasheet HTML 31Page - Power Integrations, Inc. TOP258EN Datasheet HTML 32Page - Power Integrations, Inc. TOP258EN Datasheet HTML 33Page - Power Integrations, Inc. TOP258EN Datasheet HTML 34Page - Power Integrations, Inc. TOP258EN Datasheet HTML 35Page - Power Integrations, Inc. TOP258EN Datasheet HTML 36Page - Power Integrations, Inc. TOP258EN Datasheet HTML 37Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Rev. F 01/09
33
TOP252-262
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
External Bias Current
I
B
132 kHz Operation
TOP252-255
1.0
1.6
2.2
mA
TOP256-258
1.3
1.9
2.5
TOP259-262
1.6
2.2
2.9
CONTROL Current at
0% Duty Cycle
I
C(OFF)
66 kHz Operation
TOP252-255
4.4
5.8
mA
TOP256-258
4.7
6.1
TOP259-262
5.1
6.5
132 kHz Operation
TOP252-255
4.6
6.0
TOP256-258
5.1
6.5
TOP259-262
6.0
7.4
Dynamic Impedance
Z
C
I
C = 4 mA; TJ = 25 °C, See Figure 52
10
18
22
Ω
Dynamic Impedance
Temperature Drift
0.18
%/°C
CONTROL Pin Internal
Filter Pole
7
kHz
Upper Peak Current to
Set Current Limit Ratio
k
PS(UPPER)
T
J = 25 °C
See Note B
50
55
60
%
Lower Peak Current to
Set Current Limit Ratio
k
PS(LOWER)
T
J = 25 °C
See Note B
25
%
Multi-Cycle-
Modulation Switching
Frequency
f
MCM(MIN)
T
J = 25 °C
30
kHz
Minimum Multi-Cycle-
Modulation On Period
T
MCM(MIN)
T
J = 25 °C
135
μs
Shutdown/Auto-Restart
Control Pin
Charging Current
I
C(CH)
T
J = 25 °C
V
C = 0 V
-5.0
-3.5
-1.0
mA
V
C = 5 V
-3.0
-1.8
-0.6
Charging Current
Temperature Drift
See Note A
0.5
%/°C
Auto-Restart
Upper Threshold
Voltage
V
C(AR)U
5.8
V
Auto-Restart Lower
Threshold Voltage
V
C(AR)L
4.5
4.8
5.1
V
Multi-Function (M), Voltage Monitor (V) and External Current Limit (X) Inputs
Auto-Restart
Hysteresis Voltage
V
C(AR)hyst
0.8
1.0
V
Auto-Restart Duty
Cycle
DC
(AR)
24
%
Auto-Restart
Frequency
f
(AR)
0.5
Hz
Line Undervoltage
Threshold Current and
Hysteresis (M or V Pin)
I
UV
T
J = 25 °C
Threshold
22
25
27
μA
Hysteresis
14
μA
Line Overvoltage
Threshold Current and
Hysteresis (M or V Pin)
I
OV
T
J = 25 °C
Threshold
107
112
117
μA
Hysteresis
4
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com