Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE8366
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE8366 Datasheet HTML 1Page - Infineon Technologies AG TLE8366 Datasheet HTML 2Page - Infineon Technologies AG TLE8366 Datasheet HTML 3Page - Infineon Technologies AG TLE8366 Datasheet HTML 4Page - Infineon Technologies AG TLE8366 Datasheet HTML 5Page - Infineon Technologies AG TLE8366 Datasheet HTML 6Page - Infineon Technologies AG TLE8366 Datasheet HTML 7Page - Infineon Technologies AG TLE8366 Datasheet HTML 8Page - Infineon Technologies AG TLE8366 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data sheet
4
Rev. 1.0, 2009-05-18
TLE8366
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol Function
1SYNC
Synchronization Input.
Connect to an external clock signal in order to synchronize/adjust the switching frequency.
If not used connect to GND.
2GND
Ground.
3
COMP
Compensation Input.
Frequency compensation for regulation loop stability.
Connect to compensation RC-network.
4FB
Feedback Input.
For the adjustable output voltage versions (TLE8366EV) connect via voltage divider to output
capacitor.
For the fixed voltage version (TLE8366EV50, TLE8366EV33) connect this pin directly to the
output capacitor.
5BDS
Buck Driver Supply Input.
Connect the bootstrap capacitor between this pin and pin BUO.
6BUO
Buck Switch Output.
Source of the integrated power-DMOS transistor. Connect directly to the cathode of the catch
diode and the buck circuit inductance.
7EN
Enable Input.
Active-high enable input with integrated pull down resistor.
8VS
Supply Voltage Input.
Connect to supply voltage source.
Exposed Pad
Connect to heatsink area and GND by low inductance wiring.
GND
EN
COMP
BUO
VS
5
6
4
3
2
7
1
8
FB
TLE8366
SYNC
BDS
S08_PIN.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com