Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8366
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8366 Datasheet HTML 3Page - Infineon Technologies AG TLE8366 Datasheet HTML 4Page - Infineon Technologies AG TLE8366 Datasheet HTML 5Page - Infineon Technologies AG TLE8366 Datasheet HTML 6Page - Infineon Technologies AG TLE8366 Datasheet HTML 7Page - Infineon Technologies AG TLE8366 Datasheet HTML 8Page - Infineon Technologies AG TLE8366 Datasheet HTML 9Page - Infineon Technologies AG TLE8366 Datasheet HTML 10Page - Infineon Technologies AG TLE8366 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLE8366
Buck Regulator
Data sheet
7
Rev. 1.0, 2009-05-18
5
Buck Regulator
5.1
Description
5.1.1
Arrangement
The step-down (or buck) regulator consists of several functional blocks, which shall be explained in the following:
The oscillator, the regulator, the safety functions, the gate driver and the internal MOSFET.
5.1.1.1
Regulator Block
The oscillator creates a saw-tooth signal, which is supplied to the PWM comparator and the Schmitt-Trigger 1. The
frequency of the oscillator might be synchronized to an external frequency connected to pin sync.
The Error Amplifier compares the feedback signal to the reference voltage. At the variable voltage version the
feedback pin shall be connected to an external resistor divider, the fixed voltage versions contain an internal
resistor divider. The soft start function is included by the ramp generator between the reference voltage source
and the error amplifier. It generates a defined ramp after the initialization of the device. (The device is initialized
after signal EN turns to high (with supply voltage at VS present) or with rising Supply voltage (with EN = H
connected to VS) or at restarting after a thermal shutdown. The ramp starts, if the Buck Driver Supply (BDS)
external capacitor is charged.
Only for the variable voltage version: If the feedback signal at pin FB gets lost, an internal pull-up current source
will pull the pin too high thus preventing the output voltage from overshooting.
A compensation network needs to be connected to the output of the error amplifier using pin COMP.
The PWM comparator creates the Pulse-Width Modulated (PWM) signal by comparing the error amplifier output
with the saw-tooth signal from the oscillator.
5.1.1.2
Safety Functions Block
The safety functions block consists of the Error-Flip Flop, the Nor1 Gate and the PWM-Flip-Flop.
The Error Flip-Flop collects the failure events such as the over-current shutdown of the internal MOSFET, the
output overvoltage shutdown and the temperature shutdown.
The over-current shutdown signal is created by the OC comparator. It detects the voltage across an internal shunt
resistor. If the current exceeds the reference level, the pulse is shut down and the MOSFET switched off.
The bootstrap under-voltage shutdown is created by the BDS UV comparator, which compares the bootstrap
capacitor voltage to a reference level. If the bootstrap capacitor voltage is too low, the pulse will be shut down and
the MOSFET switched off.
If the output voltage exceeds a reference value, the pulse will also be shut down and the MOSFET switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com