Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8366
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8366 Datasheet HTML 6Page - Infineon Technologies AG TLE8366 Datasheet HTML 7Page - Infineon Technologies AG TLE8366 Datasheet HTML 8Page - Infineon Technologies AG TLE8366 Datasheet HTML 9Page - Infineon Technologies AG TLE8366 Datasheet HTML 10Page - Infineon Technologies AG TLE8366 Datasheet HTML 11Page - Infineon Technologies AG TLE8366 Datasheet HTML 12Page - Infineon Technologies AG TLE8366 Datasheet HTML 13Page - Infineon Technologies AG TLE8366 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data sheet
10
Rev. 1.0, 2009-05-18
TLE8366
Buck Regulator
5.2.7
Minimum output load requirement
I
CC,MIN
0
–
–
mA
TLE8366EV501)
5.2.8
1
–
–
mA
TLE8366EV331)
5.2.9
1.5
mA
TLE8366EV
V
CC
> 3V1)
5.2.10
5
mA
TLE8366EV
V
CC
> 1.5V1)
5.2.11
10
–
–
mA
TLE8366EV
V
CC
≥ 0.6V1)
5.2.12
FB input current
I
FB
-1
-0.1
0
µA
TLE8366EV
V
FB = 0.6V
5.2.13
FB input current
I
FB
–
–
900
µA
TLE8366EV50,
TLE8366EV33
5.2.14
Power stage on-resistance
R
on
––
500
m
Ω
tested at 300 mA
5.2.15
Current transition rise/fall time
t
r
–50
–
ns
I
CC=1 A
2)
5.2.16
Buck peak over current limit
I
BUOC
2.2
–
3.6
A
–
5.2.17
Bootstrap under voltage lockout,
turn-off threshold
V
BDS,off
V
BUO
+3.3
–
–
V
Bootstrap voltage
decreasing
5.2.18
Charge pump current
I
CP
2–
–
mA
V
S = 12V;
V
BUO = VBDS = GND
5.2.19
Charge pump switch-off threshold
V
BDS -
V
BUO
––
5
V
(
V
BDS - VBUO) increasing
5.2.20
Maximum duty cycle
D
max
––
100
%
3)
5.2.21
Soft start ramp
t
start
350
500
750
µs
V
FB rising from 5% to
95% of
V
FB,nom
5.2.22
Input under voltage shutdown
threshold
V
S,off
3.75
–
–
V
V
S decreasing
5.2.23
Input voltage startup threshold
V
S,on
–
–
4.75
V
V
S increasing
5.2.24
Input under voltage shutdown
hysteresis
V
S,hyst
150
–
–
mV
–
1) Not subject to production test, application related parameter
2) Not subject to production test; specified by design.
3) Consider “Chapter 4.2, Functional Range”
Electrical Characteristics: Buck Regulator
V
S = 6.0 V to 40 V, Tj = -40 °C to +150 °C, all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com