Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366EV Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8366EV
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8366EV Datasheet HTML 5Page - Infineon Technologies AG TLE8366EV Datasheet HTML 6Page - Infineon Technologies AG TLE8366EV Datasheet HTML 7Page - Infineon Technologies AG TLE8366EV Datasheet HTML 8Page - Infineon Technologies AG TLE8366EV Datasheet HTML 9Page - Infineon Technologies AG TLE8366EV Datasheet HTML 10Page - Infineon Technologies AG TLE8366EV Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLE8366
Buck Regulator
Data sheet
9
Rev. 1.0, 2009-05-18
Figure 3
Block Diagram Buck Regulator
5.2
Electrical Characteristics
Electrical Characteristics: Buck Regulator
V
S = 6.0 V to 40 V, Tj = -40 °C to +150 °C, all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
Min.
Typ.
Max.
5.2.1
Output voltage
V
FB
4.90
5.00
5.10
V
TLE8366EV50;
V
VEN = VS
0.1A < ICC < 1.0A
5.2.2
V
FB
4.80
5.00
5.20
V
TLE8366EV50;
V
VEN = VS;
1mA < ICC < 1.8A
5.2.3
Output voltage
V
FB
3.23
3.30
3.37
V
TLE8366EV33;
V
VEN = VS;
0.1A < ICC < 1.0A
5.2.4
V
FB
3.17
3.30
3.43
V
TLE8366EV33;
V
VEN = VS;
1mA < ICC < 1.8A
5.2.5
Output voltage
V
FB
0.588 0.60
0.612
V
TLE8366EV;
V
VEN = VS;
FB connected to
V
CC;
V
S = 12V
0.1A <
I
CC < 1.0A
5.2.6
V
FB
0.576 0.60
0.624
V
TLE8366EV;
V
VEN = VS;
FB connected to
V
CC;
V
S = 12V
1mA <
I
CC < 1.8A
tf
tr
tr
Schmitt-Trigger 1
Vhigh
Vlow
t
Ramp
SYNC
&
&
R
Q
S
OFF
when H
Q
Clock
>1
_
Error-FF
L when
Tj > 175 °C
Error
Amp.
FB
COMP
Error-Signal
Error-Ramp
PWM
Comp.
H when
Error-Signal <
Error-Ramp
Output Stage
OFF when H
NOR1
L when Overcurrent
&
NAND 2
&
&
R
Q
S
H =
OFF
Q
PWM-FF
1
INV
H =
ON
Gate
Driver
Gate Driver
Supply
Power
D-MOS
BUO
BDS
OC
Comp.
=
VS
BDS
UV Comp.
H when
UV at
VBDS
Charge
Pump
=
tr
tr
tf
Oscillator
Vmax
Vmin
t
Soft start
Ramp
Generator
VRef
0.6 V
=
∆V=k X VS
Feedforward
L when
Output
overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com