Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366EV Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8366EV
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8366EV Datasheet HTML 10Page - Infineon Technologies AG TLE8366EV Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV Datasheet HTML 13Page - Infineon Technologies AG TLE8366EV Datasheet HTML 14Page - Infineon Technologies AG TLE8366EV Datasheet HTML 15Page - Infineon Technologies AG TLE8366EV Datasheet HTML 16Page - Infineon Technologies AG TLE8366EV Datasheet HTML 17Page - Infineon Technologies AG TLE8366EV Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data sheet
14
Rev. 1.0, 2009-05-18
TLE8366
Application Information
8
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
8.1
Frequency Compensation
The stability of the output voltage can be achieved with a simple RC connected between pin COMP and GND. The
standard configuration using the swiching frequency of the internal oscillator is a ceramic capacitor
C
COMP =22nF
and
R
COMP =22kΩ. By slight modifications to the compensation network the stability can be optimized for different
application needs, such as varying switching frequency (using the sychronizing function), different types of buck
capacitor (ceramic or tantalum) etc.
The compensation network is essential for control loop stability. Leaving pin COMP open might lead to instable
operation.
8.2
Compensating a tantalum buck capacitor
CBU1
The control loop is optimized for use of ceramic buck capacitors
C
BU. In order to maintain stability also for tantalum
capacitors with ESR up to 300m
Ω, an additional compensation capacitance CCOMP2 at pin COMP to GND is
required. It’s value calculates:
C
COMP2 = CBU * ESR(CBU) / RCOMP ,
whereas
C
COMP2 needs to stay below 5nF.
Figure 5
High-ESR buck capacitor compensation
8.3
Catch Diode
In order to minimize losses and for fast recovery, a schottky catch diode is required. Disconnecting the catch diode
during operation might lead to destruction of the IC.
2
GND
3
COMP
TLE8366
CCOMP
RCOMP
CCOMP2
Application _C-COMP2.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com