Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366EV Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8366EV
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8366EV Datasheet HTML 9Page - Infineon Technologies AG TLE8366EV Datasheet HTML 10Page - Infineon Technologies AG TLE8366EV Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV Datasheet HTML 12Page - Infineon Technologies AG TLE8366EV Datasheet HTML 13Page - Infineon Technologies AG TLE8366EV Datasheet HTML 14Page - Infineon Technologies AG TLE8366EV Datasheet HTML 15Page - Infineon Technologies AG TLE8366EV Datasheet HTML 16Page - Infineon Technologies AG TLE8366EV Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TLE8366
Module Oscillator
Data sheet
13
Rev. 1.0, 2009-05-18
7
Module Oscillator
7.1
Description
The oscillator supplies the device with a constant frequency. The power switch will be switched on and off with a
constant frequency. The duty-cycle is derived from this frequency and some safety functions are synchronized to
this frequency.
The internal sawtooth signal used for the PWM generation has an amplitude proportional to the input supply
voltage (feedforward).
The turn-on frequency can optionally be set externally via the ’SYNC’ pin. In this case the synchronization of the
PWM-on signal refers to the falling edge of the ’SYNC’-pin input signal. In case the synchronization to an external
clock signal is not needed the ’SYNC’ pin should be connected to GND.
Leaving pin SYNC open or short-circuiting it to GND leads to normal operation with the internal switching
frequency.
7.2
Electrical Characteristics Module Oscillator
Electrical Characteristics: Buck Regulator
V
S = 6.0 V to 40 V, Tj = -40 °C to +150 °C, all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
7.2.1
Oscillator frequency
f
osc
330
370
420
kHz
V
SYNC = 0V
7.2.2
Synchronization capture range
f
sync
200
530
kHz
7.2.3
SYNC signal high level valid
V
SYNC,hi
2.9
V
1)
1) Synchronization of PWM-on signal to falling edge.
7.2.4
SYNC signal low level valid
V
SYNC,lo
0.8
V
1)
7.2.5
SYNC input internal pull-down
R
SYNC
0.60
1.0
1.4
M
Ω
V
SYNC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com