Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6819 Datasheet(PDF) 73 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 73 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 69Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 70Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 71Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 72Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 73Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 74Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 75Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 77Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
73
www.emmicroelectronic.com
14.4 PORT A DEBOUNCER
Each Port A input has its own debouncer with an independent clock selection. The debouncer is either transparent or
clocked. The debouncer output signal is called PADeb[n]
•
Transparent Mode: The input is immediately available on its output.
•
Clocked mode: The debouncer copies is input state to its output only if during 2 consecutive debouncer clock
events the debouncer input signal remains stable. The debouncer is reset on POR, in Power-Down mode, by a
watchdog reset and a bus error reset.
Table 14.4-1 Port A Debouncer Mode and Clock selection
PA[n]DebSel1
PA[n]DebSel0
Clock
Mode
remarks
00
Pr1Ck7
Clocked
Clocked; 128 Hz if ck_pr1=32kHz
01
Pr1Ck15
Clocked
Clocked; Pr1 input clock
10
Pr2Ck10
Clocked
Clocked; Pr2 input clock
11
no clock
Transparent
Output = Input
14.5 PORT A INTERRUPT GENERATION
Each port A input may be used as Interrupt source with individual masking possibilities.
14.5.1 PA IRQ IN ACTIVE AND STANDBY MODE
The clocked PortA interrupt is generated in the Active and Standby modes only.
•
A positive or negative edge of the debouncer output signal PADeb[n] shall generate the IntPA[n]. The edge
selection is done by the register bit PAIntEdg[n] (‘1’ means a positive edge and it’s the default state).
•
The IntPA signal is the input to the interrupt controller.(refer to the interrupt controller for Irq masking and
handling).
•
All interrupt settings are independent for each PA input.
14.5.2 PA IRQ IN SLEEP MODE
In Sleep mode, any edge (positive or negative) of the PA[n] input while PAInpEn[n]=1 will generate an IntPA request.
•
The IntPA signal is the input to the interrupt controller.(refer to the interrupt controller for Irq masking and
handling).
•
All interrupt settings are independent for each PA input.
14.6 PORT A RESET FUNCTION
Each port A input can be used to generate a system reset (ResSys in Reset controller).
•
The Port A reset signal ResPA is a logical OR function of all PA input reset sources after masking.
•
The input signals for the port A reset function are coming from the Port A debouncer output PADeb[n] and can be
masked individually with RegEnResPA[n]=’0’ . Default: all inputs are masked and no PA reset is generated.
•
The ResPA is the output of the port A reset function and the input signal to the reset controller.
14.7 PORT A WAKE-UP FUNCTION
Each port A input can be used to wake-up the circuit from Power-Down mode.
•
In Power-Down mode, any state change of a selected PA[n] input while its PAInpEn[n]=1 will cancel wake-up
and resume to active mode. A PA[n] input is only selected for wake-up if its EnWkUp[n] bit is at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com