Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6819 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6819 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
2
www.emmicroelectronic.com
Power supply
-
Low power architecture
-
Voltage regulator for internal logic supply
-
External regulator capacitor
-
Voltage mult: gives internal multiplied voltage to allow
0.9V start-up (Padring remains on VSUP)
-
DC-DC Upconverter: with ext Coil and Cap. Increases
the VSUP for the whole circuit I.e to 3V. Running down
to 0.6V input voltage.
CPU
-
8-bit CoolRisc 816L Core
-
16 internal registers
-
4 hardware subroutine stacks
-
8-bit hardware multiplier
Flash/EEPROM
-
16.9k Byte shared Genaral Purpose Non Volatile Flash
memory
-
max 6k Instructions program memory
-
max 12 kByte non volatile data memory
RAM
-
512 x 8-bit static SRAM
-
48 byte of Ram-cache for EEProm modification support
Operating modes
-
Active mode: CPU and peripherals are running
-
Standby mode: CPU halted, peripherals on
-
Sleep mode: no clocks, data retained
-
Power-Down mode, Reset state
-
Wake Up Event from PortA inputs
Resets
-
Power On Reset
-
Reset from logic watchdog
-
Brown out (as voltage supervisory function)
-
Reset with Port A selection
-
Flags to identify the reset source
Watchdog timer
-
generation of watchdog reset after time out
-
independent low frequency watchdog oscillator
Oscillator RC
-
internal RC oscillator, 2MHz and 15MHz pre-trimmed
-
internal 8 KHz RC Oscillator
External Oscillator
-
32 KHz watch type Crystal or 4MHz Resonator/XTAL
Prescaler’s
-
Two clock prescalers (dividers) for the peripheral clock
generation:
-
Prescaler 1 is a 15-stage divider
-
Prescaler 2 is a 10-stage divider
-
input clock software selectable
-
fix intervall IRQ’s
Interrupt
-
external IRQ’s from Port A, VLD, Comparator
-
internal IRQ’s from Timer, Prescaler, ADC, SPI
-
Event from SPI/ADC and DoC
VLD
-
Detection of 32 voltage levels, internal reference
-
Comparison against VSUP, input Pin or Op.Amp output
Parallel In/Output Port A, Port C
-
8-bit wide direct input read
-
all functions bit-wise configurable
-
Input , output
-
Debouncer, IRQ on pos. or neg. edge
-
Input combination reset
-
Pullup, pulldown or nopull selectable
-
Freq. Input for timer
-
Analog In/Out
Parallel In/Output Port B
-
8 multipurpose I/O’s
-
8-bit wide direct input read
-
CMOS or Nch. Open Drain outputs
-
all functions bit-wise configurable
-
Input , output
-
Pullup, pulldown or nopull selectable
-
CMOS or Nch. Open Drain outputs
Serial Port Interface SPI
-
3 wire serial Interface, Sclk, Sin, Sout
-
master and Slave mode
-
Serial datastream output
-
Event / IRQ
-
Maped on port outputs
Timer (4 x 8-bit, or 2 x 16-bit)
-
8 (16) bit wide, Zero Stop and Auto Reload mode
-
External signal pulse width measurement
-
PWM generation, IRQ
-
Event Counter
-
Input capture
-
Output compare
Sleep Counter Wake-up (SCWUP)
-
Automatically wakes up the circuit from sleep mode
-
Enable/disable by register
Op. Amplifier / Comparator
-
All 3 terminals mapped on PortA/PortC
-
Output routed to VLD cell
-
Amplifier or Comparator output
Temp. Sensor
-
Fully internal temperature sensor
-
Multiplexed input to ADC
Brown Out
-
On-chip Brown-Out detection, reset state
-
Power check at Startup
ADC
-
10-bit, 8 channels ADC
-
Single or Continuous mode
-
External/internal reference voltage available on a pad
-
Event / IRQ
DoC (Debug on Chip)
-
2 wire serial interface debug and programming interface
-
Flash programming
-
Event / IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com