Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6819 Datasheet(PDF) 86 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 86 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 82Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 83Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 84Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 85Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 86Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 87Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 88Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 89Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 90Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
86
www.emmicroelectronic.com
17.
TIMERS
The circuit contains 4 independent 8-bit timers configurable as 2 16-bit timers.
•
Each of it can be individually configured with:
•
6 internal clock sources and 2 external clock sources from PA, PC terminals
•
Individual Start/Stop selection by SW or from various IO terminals
•
Timer interrupt selection
•
Auto-reload(free-running) and Auto-Stop mode
•
Input Capture on hardware events (terminal input) or SW driven
•
Output Compare for signal generation
•
PWM and Frequency output
•
RTZ, RTO output clock capabilities
•
Timer outputs mapping on various IO terminals
•
Always also provides complementary level output to increase overall voltage swing.
The timers are implemented as up-counters, counting from 0x00 to RegTimXFull or as a free running counter cycling
from 0x00 to RegTimXFull. If the full value changes while the timer is running, the previous full value will be used for
the full event detection. The new full value will be used for the next counting cycle.
The timer status value (actual count value) is readable in registers RegTimXStatus.
17.1 TIMER CHAINING
Possible configurations are:
•
Timer1, Timer2, Timer3, Timer4 used independently
•
Timer1 and Timer2 chained together (Timer12); Timer3 and Timer 4 used independently
•
Timer1 and Timer2 used independently; Timer3 and Timer4 chained (=Timer34)
•
Timer1 and Timer2 chained together (Timer12); Timer3 and Timer4 chained (=Timer34)
Timer1 and Timer2 are chained and able to work as 16-bits timer when Tim12Chain in RegTimersCfg is high. In this
case, the configuration is set by the Timer1 and Timer2 (slave) is the MSB.
Timer3 and Timer4 are chained and able to work as 16-bits timer when Tim34Chain in RegTimersCfg is high. In this
case, the configuration is set by the Timer3 and Timer4 (slave) is the MSB.
Figure 15, Timer chaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com