Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN56Q64-104FIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
EN25Q64
Rev. E, Issue Date: 2009/10/19
Table 2. Uniform Block Sector Architecture ( 1/4 )
Block
Sector
Address range
2047
7FF000h
7FFFFFh
127
2032
7F0000h
7F0FFFh
2031
7EF000h
7EFFFFh
126
2016
7E0000h
7E0FFFh
2015
7DF000h
7DFFFFh
125
2000
7D0000h
7D0FFFh
1999
7CF000h
7CFFFFh
124
1984
7C0000h
7C0FFFh
1983
7BF000h
7BFFFFh
123
1968
7B0000h
7B0FFFh
1967
7AF000h
7AFFFFh
122
1952
7A0000h
7A0FFFh
1951
79F000h
79FFFFh
121
1936
790000h
790FFFh
1935
78F000h
78FFFFh
120
1920
780000h
780FFFh
1919
77F000h
77FFFFh
119
1904
770000h
770FFFh
1903
76F000h
76FFFFh
118
1888
760000h
760FFFh
1887
75F000h
75FFFFh
117
1872
750000h
750FFFh
1871
74F000h
74FFFFh
116
1856
740000h
740FFFh
1855
73F000h
73FFFFh
115
1840
730000h
730FFFh
1839
72F000h
72FFFFh
114
1824
720000h
720FFFh
1823
71F000h
71FFFFh
113
1808
710000h
710FFFh
1807
70F000h
70FFFFh
112
1972
700000h
700FFFh
Block
Sector
Address range
1791
6FF000h
6FFFFFh
111
1776
6F0000h
6F0FFFh
1775
6EF000h
6EFFFFh
110
1760
6E0000h
6E0FFFh
1759
6DF000h
6DFFFFh
109
1744
6D0000h
6D0FFFh
1743
6CF000h
6CFFFFh
108
1728
6C0000h
6C0FFFh
1727
6BF000h
6BFFFFh
107
1712
6B0000h
6B0FFFh
1711
6AF000h
6AFFFFh
106
1696
6A0000h
6A0FFFh
1695
69F000h
69FFFFh
105
1680
690000h
690FFFh
1679
68F000h
68FFFFh
104
1664
680000h
680FFFh
1663
67F000h
67FFFFh
103
1648
670000h
670FFFh
1647
66F000h
66FFFFh
102
1632
660000h
660FFFh
1631
65F000h
65FFFFh
101
1616
650000h
650FFFh
1615
64F000h
64FFFFh
100
1600
640000h
640FFFh
1599
63F000h
63FFFFh
99
1584
630000h
630FFFh
1583
62F000h
62FFFFh
98
1568
620000h
620FFFh
1567
61F000h
61FFFFh
97
1552
610000h
610FFFh
1551
60F000h
60FFFFh
96
1536
600000h
600FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com