Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN56Q64-104FIP Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 17Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
13
EN25Q64
Rev. E, Issue Date: 2009/10/19
Table 3. Protected Area Sizes Sector Organization
Status Register Content
Memory Content
BP3
Bit
BP2
Bit
BP1
Bit
BP0
Bit
Protect Areas
Addresses
Density(KB)
Portion
0
0
0
0
None
None
None
None
0
0
0
1
Block 0 to 126
000000h-7EFFFFh
8128KB
Lower 127/128
0
0
1
0
Block 0 to 125
000000h-7DFFFFh
8064KB
Lower 126/128
0
0
1
1
Block 0 to 123
000000h-7BFFFFh
7936KB
Lower 124/128
0
1
0
0
Block 0 to 119
000000h-77FFFFh
7680KB
Lower 120/128
0
1
0
1
Block 0 to 111
000000h-6FFFFFh
7168KB
Lower 112/128
0
1
1
0
Block 0 to 95
000000h-5FFFFFh
6144KB
Lower 96/128
0
1
1
1
All
000000h-7FFFFFh
8192KB
All
1
0
0
0
None
None
None
None
1
0
0
1
Block 127 to 1
7FFFFFh-010000h
8128KB
Upper 127/128
1
0
1
0
Block 127 to 2
7FFFFFh-020000h
8064KB
Upper 126/128
1
0
1
1
Block 127 to 4
7FFFFFh-040000h
7936KB
Upper 124/128
1
1
0
0
Block 127 to 8
7FFFFFh-080000h
7680KB
Upper 120/128
1
1
0
1
Block 127 to 16
7FFFFFh-100000h
7168KB
Upper 112/128
1
1
1
0
Block 127 to 32
7FFFFFh-200000h
6144KB
Upper 96/128
1
1
1
1
All
7FFFFFh-000000h
8192KB
All
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the device, most significant bit first. Serial
Data Input (DI) is sampled on the first rising edge of Serial Clock (CLK) after Chip Select (CS#) is
driven Low. Then, the one-byte instruction code must be shifted in to the device, most significant bit first,
on Serial Data Input (DI), each bit being latched on the rising edges of Serial Clock (CLK).
The instruction set is listed in Table 4. Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by address bytes, or by data bytes, or by
both or none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence has
been shifted in. In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed
(Fast_Read), Read Status Register (RDSR) or Release from Deep Power-down, and Read Device ID
(RDI) instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip Select
(CS#) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write
Status Register (WRSR), Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP)
instruction, Chip Select (CS#) must be driven High exactly at a byte boundary, otherwise the instruction
is rejected, and is not executed. That is, Chip Select (CS#) must driven High when the number of clock
pulses after Chip Select (CS#) being driven Low is an exact multiple of eight. For Page Program, if at
any time the input byte is not a full byte, nothing will happen and WEL will not be reset.
In the case of multi-byte commands of Page Program (PP), and Release from Deep Power Down
(RES ) minimum number of bytes specified has to be given, without which, the command will be
ignored.
In the case of Page Program, if the number of byte after the command is less than 4 (at least 1
data byte), it will be ignored too. In the case of SE and BE, exact 24-bit address is a must, any
less or more will cause the command to be ignored.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or Erase
cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle continues
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com