Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN56Q64-104FIP Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104FIP Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104FIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN56Q64-104FIP Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN25Q64
Rev. E, Issue Date: 2009/10/19
Table 2. Uniform Block Sector Architecture ( 2/4 )
Block
Sector
Address range
1535
5FF000h
5FFFFFh
95
1520
5F0000h
5F0FFFh
1519
5EF000h
5EFFFFh
94
1504
5E0000h
5E0FFFh
1503
5DF000h
5DFFFFh
93
1488
5D0000h
5D0FFFh
1487
5CF000h
5CFFFFh
92
1472
5C0000h
5C0FFFh
1471
5BF000h
5BFFFFh
91
1456
5B0000h
5B0FFFh
1455
5AF000h
5AFFFFh
90
1440
5A0000h
5A0FFFh
1439
59F000h
59FFFFh
89
1424
590000h
590FFFh
1423
58F000h
58FFFFh
88
1408
580000h
580FFFh
1407
57F000h
57FFFFh
87
1392
570000h
570FFFh
1391
56F000h
56FFFFh
86
1376
560000h
560FFFh
1375
55F000h
55FFFFh
85
1360
550000h
550FFFh
1359
54F000h
54FFFFh
84
1344
540000h
540FFFh
1343
53F000h
53FFFFh
83
1328
530000h
530FFFh
1327
52F000h
52FFFFh
82
1312
520000h
520FFFh
1311
51F000h
51FFFFh
81
1296
510000h
510FFFh
1295
50F000h
50FFFFh
80
1280
500000h
500FFFh
Block
Sector
Address range
1279
4FF000h
4FFFFFh
79
1264
4F0000h
4F0FFFh
1263
4EF000h
4EFFFFh
78
1248
4E0000h
4E0FFFh
1247
4DF000h
4DFFFFh
77
1232
4D0000h
4D0FFFh
1231
4CF000h
4CFFFFh
76
1216
4C0000h
4C0FFFh
1215
4BF000h
4BFFFFh
75
1200
4B0000h
4B0FFFh
1119
4AF000h
4AFFFFh
74
1184
4A0000h
4A0FFFh
183
49F000h
49FFFFh
73
1168
490000h
490FFFh
1167
48F000h
48FFFFh
72
1152
480000h
480FFFh
1151
47F000h
47FFFFh
71
1136
470000h
470FFFh
1135
46F000h
46FFFFh
70
1120
460000h
460FFFh
1119
45F000h
45FFFFh
69
1104
450000h
450FFFh
1103
44F000h
44FFFFh
68
1088
440000h
440FFFh
1087
43F000h
43FFFFh
67
1072
430000h
430FFFh
1071
42F000h
42FFFFh
66
1056
420000h
420FFFh
1055
41F000h
41FFFFh
65
1040
410000h
410FFFh
1039
40F000h
40FFFFh
64
1024
400000h
400FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com