Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 8Page - ATMEL Corporation ATtiny44 Datasheet HTML 9Page - ATMEL Corporation ATtiny44 Datasheet HTML 10Page - ATMEL Corporation ATtiny44 Datasheet HTML 11Page - ATMEL Corporation ATtiny44 Datasheet HTML 12Page - ATMEL Corporation ATtiny44 Datasheet HTML 13Page - ATMEL Corporation ATtiny44 Datasheet HTML 14Page - ATMEL Corporation ATtiny44 Datasheet HTML 15Page - ATMEL Corporation ATtiny44 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
8006HS–AVR–10/09
ATtiny24/44/84
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
6.2
ATtiny44
Speed (MHz)
Power Supply
Ordering Code(1)
Package(2)
Operational Range
10
1.8 - 5.5V
ATtiny44V-10SSU
ATtiny44V-10PU
ATtiny44V-10MU
14S1
14P3
20M1
Industrial
(-40
°C to 85°C)
20
2.7 - 5.5V
ATtiny44-20SSU
ATtiny44-20PU
ATtiny44-20MU
14S1
14P3
20M1
Industrial
(-40
°C to 85°C)
Package Type
14S1
14-lead, 0.150" Wide Body, Plastic Gull Wing Small Outline Package (SOIC)
14P3
14-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com