Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 17Page - ATMEL Corporation ATtiny44 Datasheet HTML 18Page - ATMEL Corporation ATtiny44 Datasheet HTML 19Page - ATMEL Corporation ATtiny44 Datasheet HTML 20Page - ATMEL Corporation ATtiny44 Datasheet HTML 21Page - ATMEL Corporation ATtiny44 Datasheet HTML 22Page - ATMEL Corporation ATtiny44 Datasheet HTML 23Page - ATMEL Corporation ATtiny44 Datasheet HTML 24Page - ATMEL Corporation ATtiny44 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
8006HS–AVR–10/09
ATtiny24/44/84
– “Temperature Measurement” on page 144
– “ADMUX – ADC Multiplexer Selection Register” on page 145
– “Limitations of debugWIRE” on page 152
– “Reading Lock, Fuse and Signature Data from Software” on page 155
– “Device Signature Imprint Table” on page 161
– “Enter High-voltage Serial Programming Mode” on page 168
– “Absolute Maximum Ratings*” on page 174
– “DC Characteristics” on page 174
– “Speed Grades” on page 175
– “Clock Characteristics” on page 176
– “Accuracy of Calibrated Internal RC Oscillator” on page 176
– “System and Reset Characteristics” on page 177
– “Supply Current of I/O Modules” on page 185
– “ATtiny24” on page 17
– “ATtiny44” on page 18
– “ATtiny84” on page 19
2.
Updated bit definitions in sections:
– “MCUCR – MCU Control Register” on page 36
– “MCUCR – MCU Control Register” on page 51
– “MCUCR – MCU Control Register” on page 67
– “PINA – Port A Input Pins” on page 68
– “SPMCSR – Store Program Memory Control and Status Register” on page 157
– “Register Summary” on page 7
3.
Updated Figures:
– “Reset Logic” on page 39
– “Watchdog Reset During Operation” on page 42
– “Compare Match Output Unit, Schematic (non-PWM Mode)” on page 95
– “Analog to Digital Converter Block Schematic” on page 133
– “ADC Timing Diagram, Free Running Conversion” on page 137
– “Analog Input Circuitry” on page 140
– “High-voltage Serial Programming” on page 167
– “Serial Programming Timing” on page 183
– “High-voltage Serial Programming Timing” on page 184
– “Active Supply Current vs. Low Frequency (0.1 - 1.0 MHz)” on page 186
– “Active Supply Current vs. frequency (1 - 20 MHz)” on page 187
– “Active Supply Current vs. V
CC (Internal RC Oscillator, 8 MHz)” on page 187
– “Active Supply Current vs. V
CC (Internal RC Oscillator, 1 MHz)” on page 188
– “Active Supply Current vs. V
CC (Internal RC Oscillator, 128 kHz)” on page 188
– “Idle Supply Current vs. Low Frequency (0.1 - 1.0 MHz)” on page 189
– “Idle Supply Current vs. Frequency (1 - 20 MHz)” on page 189
– “Idle Supply Current vs. V
CC (Internal RC Oscillator, 8 MHz)” on page 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com