Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATtiny44 Datasheet HTML 1Page - ATMEL Corporation ATtiny44 Datasheet HTML 2Page - ATMEL Corporation ATtiny44 Datasheet HTML 3Page - ATMEL Corporation ATtiny44 Datasheet HTML 4Page - ATMEL Corporation ATtiny44 Datasheet HTML 5Page - ATMEL Corporation ATtiny44 Datasheet HTML 6Page - ATMEL Corporation ATtiny44 Datasheet HTML 7Page - ATMEL Corporation ATtiny44 Datasheet HTML 8Page - ATMEL Corporation ATtiny44 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
8006HS–AVR–10/09
ATtiny24/44/84
1.
Pin Configurations
Figure 1-1.
Pinout ATtiny24/44/84
1.1
Pin Descriptions
1.1.1
VCC
Supply voltage.
1.1.2
GND
Ground.
1.1.3
Port B (PB3...PB0)
Port B is a 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability except PB3 which has the RESET capability. To use pin PB3 as an I/O pin, instead of
RESET pin, program (‘0’) RSTDISBL fuse. As inputs, Port B pins that are externally pulled low
will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
(PCINT8/XTAL1/CLKI) PB0
(PCINT9/XTAL2) PB1
(PCINT11/RESET/dW) PB3
(PCINT10/INT0/OC0A/CKOUT) PB2
(PCINT7/ICP/OC0B/ADC7) PA7
(PCINT6/OC1A/SDA/MOSI/DI/ADC6) PA6
GND
PA0 (ADC0/AREF/PCINT0)
PA1 (ADC1/AIN0/PCINT1)
PA2 (ADC2/AIN1/PCINT2)
PA3 (ADC3/T0/PCINT3)
PA4 (ADC4/USCK/SCL/T1/PCINT4)
PA5 (ADC5/DO/MISO/OC1B/PCINT5)
PDIP/SOIC
1
2
3
4
5
QFN/MLF
15
14
13
12
11
NOTE
Bottom pad should be
soldered to ground.
DNC: Do Not Connect
PA7 (PCINT7/ICP/OC0B/ADC7)
PB2 (PCINT10/INT0/OC0A/CKOUT)
PB3 (PCINT11/RESET/dW)
PB1 (PCINT9/XTAL2)
PB0 (PCINT8/XTAL1/CLKI)
Pin 16: PA6 (PCINT6/OC1A/SDA/MOSI/DI/ADC6)
Pin 20: PA5 (ADC5/DO/MISO/OC1B/PCINT5)
(ADC4/USCK/SCL/T1/PCINT4) PA4
(ADC3/T0/PCINT3) PA3
(ADC2/AIN1/PCINT2) PA2
(ADC1/AIN0/PCINT1) PA1
(ADC0/AREF/PCINT0) PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com