Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 11Page - ATMEL Corporation ATtiny84 Datasheet HTML 12Page - ATMEL Corporation ATtiny84 Datasheet HTML 13Page - ATMEL Corporation ATtiny84 Datasheet HTML 14Page - ATMEL Corporation ATtiny84 Datasheet HTML 15Page - ATMEL Corporation ATtiny84 Datasheet HTML 16Page - ATMEL Corporation ATtiny84 Datasheet HTML 17Page - ATMEL Corporation ATtiny84 Datasheet HTML 18Page - ATMEL Corporation ATtiny84 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
8006HS–AVR–10/09
ATtiny24/44/84
7.2
14P3
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
14P3, 14-lead (0.300"/7.62 mm Wide) Plastic Dual
Inline Package (PDIP)
A
14P3
11/02/05
PIN
1
E1
A1
B
E
B1
C
L
SEATING PLANE
A
D
e
eB
eC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
5.334
A1
0.381
–
–
D
18.669
–
19.685
Note 2
E
7.620
–
8.255
E1
6.096
–
7.112
Note 2
B
0.356
–
0.559
B1
1.143
–
1.778
L
2.921
–
3.810
C
0.203
–
0.356
eB
–
–
10.922
eC
0.000
–
1.524
e
2.540 TYP
Notes:
1.
This package conforms to JEDEC reference MS-001, Variation AA.
2.
Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com