Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATtiny84 Datasheet HTML 1Page - ATMEL Corporation ATtiny84 Datasheet HTML 2Page - ATMEL Corporation ATtiny84 Datasheet HTML 3Page - ATMEL Corporation ATtiny84 Datasheet HTML 4Page - ATMEL Corporation ATtiny84 Datasheet HTML 5Page - ATMEL Corporation ATtiny84 Datasheet HTML 6Page - ATMEL Corporation ATtiny84 Datasheet HTML 7Page - ATMEL Corporation ATtiny84 Datasheet HTML 8Page - ATMEL Corporation ATtiny84 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 120 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
• Non-Volatile Program and Data Memories
– 2/4/8K Bytes of In-System Programmable Program Memory Flash
• Endurance: 10,000 Write/Erase Cycles
– 128/256/512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
– 128/256/512 Bytes of Internal SRAM
– Data retention: 20 years at 85
°C / 100 years at 25°C
– Programming Lock for Self-Programming Flash & EEPROM Data Security
• Peripheral Features
– One 8-Bit and One 16-Bit Timer/Counter with Two PWM Channels, Each
– 10-bit ADC
• 8 Single-Ended Channels
• 12 Differential ADC Channel Pairs with Programmable Gain (1x / 20x)
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-Chip Analog Comparator
– Universal Serial Interface
• Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-System Programmable via SPI Port
– Internal and External Interrupt Sources: Pin Change Interrupt on 12 Pins
– Low Power Idle, ADC Noise Reduction, Standby and Power-Down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-Out Detection Circuit
– Internal Calibrated Oscillator
– On-Chip Temperature Sensor
• I/O and Packages
– Available in 20-Pin QFN/MLF & 14-Pin SOIC and PDIP
– Twelve Programmable I/O Lines
• Operating Voltage:
– 1.8 – 5.5V for ATtiny24V/44V/84V
– 2.7 – 5.5V for ATtiny24/44/84
• Speed Grade
– ATtiny24V/44V/84V
• 0 – 4 MHz @ 1.8 – 5.5V
• 0 – 10 MHz @ 2.7 – 5.5V
– ATtiny24/44/84
• 0 – 10 MHz @ 2.7 – 5.5V
• 0 – 20 MHz @ 4.5 – 5.5V
• Industrial Temperature Range: -40°C to +85°C
• Low Power Consumption
– Active Mode (1 MHz System Clock): 300 µA @ 1.8V
– Power-Down Mode: 0.1 µA @ 1.8V
8-bit
Microcontroller
with 2/4/8K
Bytes In-System
Programmable
Flash
ATtiny24/44/84
Preliminary
Summary
ATtiny24/44 not
recommended for
new designs. Use:
ATtiny24A
ATtiny44A
Rev. 8006HS–AVR–10/09


Similar Part No. - ATtiny84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY84 ATMEL-ATTINY84 Datasheet
287Kb / 21P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny84 ATMEL-ATtiny84 Datasheet
4Mb / 236P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY84 ATMEL-ATTINY84 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY84 ATMEL-ATTINY84 Datasheet
666Kb / 25P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny84 ATMEL-ATtiny84 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATtiny84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_1 Datasheet
4Mb / 236P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com