Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 13Page - ATMEL Corporation ATtiny84 Datasheet HTML 14Page - ATMEL Corporation ATtiny84 Datasheet HTML 15Page - ATMEL Corporation ATtiny84 Datasheet HTML 16Page - ATMEL Corporation ATtiny84 Datasheet HTML 17Page - ATMEL Corporation ATtiny84 Datasheet HTML 18Page - ATMEL Corporation ATtiny84 Datasheet HTML 19Page - ATMEL Corporation ATtiny84 Datasheet HTML 20Page - ATMEL Corporation ATtiny84 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
8006HS–AVR–10/09
ATtiny24/44/84
8.
Errata
The revision letters in this section refer to the revision of the corresponding ATtiny24/44/84
device.
8.1
ATtiny24
8.1.1
Rev. D – E
No known errata.
8.1.2
Rev. C
• Reading EEPROM when system clock frequency is below 900 kHz may not work
1.
Reading EEPROM when system clock frequency is below 900 kHz may not work
Reading data from the EEPROM at system clock frequency below 900 kHz may result in
wrong data read.
Problem Fix/Work around
Avoid using the EEPROM at clock frequency below 900 kHz.
8.1.3
Rev. B
• EEPROM read from application code does not work in Lock Bit Mode 3
• Reading EEPROM when system clock frequency is below 900 kHz may not work
1.
EEPROM read from application code does not work in Lock Bit Mode 3
When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does
not work from the application code.
Problem Fix/Work around
Do not set Lock Bit Protection Mode 3 when the application code needs to read from
EEPROM.
2.
Reading EEPROM when system clock frequency is below 900 kHz may not work
Reading data from the EEPROM at system clock frequency below 900 kHz may result in
wrong data read.
Problem Fix/Work around
Avoid using the EEPROM at clock frequency below 900 kHz.
8.1.4
Rev. A
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com