Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5380-2.7/2.7YFT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5380-2.7/2.7YFT
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380-2.7/2.7YFT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5380-2.7/2.7YFT Datasheet HTML 2Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 3Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 4Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 5Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 6Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 7Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 8Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 9Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
6
M9999-110608-A
Typical Characteristics
0
Power Supply
Rejection Ratio
100
FREQUENCY (Hz)
10
1k
10k
1M
VIN = VEN = 3.8V
VOUT = 2.8V
COUT = 1µF
100µA
100k
0
0.5
1.5
2.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
1.0
2.0
3.0
3.0
4.0
5.0
Output Voltage
vs. Input Voltage
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT =1µF
LDO1-150mA
LDO1-100µA
LDO2-100µA
LDO2-150mA
2.72
2.74
2.76
2.78
2.82
2.84
2.86
2.88
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
2.70
2.80
2.90
Output Voltage
vs. Output Current
VIN = VEN
VOUT = 2.8V
CIN = COUT = 1µF
VIN=3.8V
VIN=5.5V
VIN=4.8V
20
22
24
26
28
30
32
34
36
38
40
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
3.0
4.0
5.0
Ground Current
vs. Input Voltage
VIN = VEN
VOUT2 = 1.8V
CIN = COUT = 1µF
50mA
100µA
150mA
0
10
20
30
40
50
60
70
80
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
Single Output
Dual Output
VEN = VIN = VOUT + 1V
VOUT1 = 2.8V
VOUT2 = 1.2V
CIN = COUT = 1µF
20
25
30
35
40
45
50
55
60
65
Ground Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = 3.8V
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1µF
Dual Output(100µA)
Single Outputs(100µA)
Single Output(50mA)
0
20
40
60
80
100
120
140
160
180
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 2.8V
CIN = COUT = 1µF
0
50
100
150
200
250
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
10mA
150mA
100mA
50mA
CIN = COUT = 1µF
0
100
200
300
400
500
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
3.0
4.0
5.0
Current Limit
vs. Input Voltage
VOUT1 = 2.8V
VOUT2 = 1.8V
CIN = COUT = 1µF
LDO1
LDO2
0
0.2
0.4
0.6
0.8
1.0
3.03.5
4.04.5
5.05.5
INPUT VOLTAGE (V)
Enable Voltage
vs. Input Voltage
VOUT1 = 2.8V
CIN = COUT = 1µF
Load = 150mA
EN1 OFF
EN1 ON
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
100
FREQUENCY (Hz)
10
1k
10k
1M
100k
10M
VIN = 4.5V
VOUT = 1.2V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com