Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5380-2.7/2.7YFT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5380-2.7/2.7YFT
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380-2.7/2.7YFT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5380-2.7/2.7YFT Datasheet HTML 1Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 2Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 3Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 4Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 5Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 6Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 7Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 8Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
2
M9999-110608-A
Block Diagrams
VIN
EN1
GND
VOUT1
VOUT2
LDO1
ENABLE
REFERENCE
LDO2
EN2
MIC5380 Block Diagram
VIN
EN1
GND
VOUT1
VOUT2
LDO1
ENABLE
REFERENCE
LDO2
EN2
AUTO
DISCHARGE
MIC5381 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com