Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5380-2.7/2.7YFT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5380-2.7/2.7YFT
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380-2.7/2.7YFT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5380-2.7/2.7YFT Datasheet HTML 4Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 5Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 6Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 7Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 8Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 9Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 10Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 11Page - Micrel Semiconductor MIC5380-2.7/2.7YFT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
10
M9999-110608-A
U1
MIC5380/1-xxYFT
VIN
EN1
C3
1µF/10V
VOUT1
VOUT2
GND
EN2
J1
VIN
J7
EN1
J2
GND
C1
1µF/10V
C2
1µF/10V
J3
VOUT1
J5
VOUT2
J8
EN2
J4
GND
J6
GND
6
4
1
2
3
5
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM155R61A105KE19D
Murata
(1)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
C1005X5R1A105K
TDK
(2)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
C1, C2, C3
0402ZD105KAT2A
AVX
(3)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
3
U1
MIC5380/1-xxYFT
Micrel
(4)
Dual, 150mA LDO, Size 1mm x 1mm Thin MLF
®
1
Notes:
1. Murata: www.murata.com
2. TDK: www.tdk.com
3. AVX: avx.com
4. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com