Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8PI Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega162V-8PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8PI Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega162V-8PI Datasheet HTML 75Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 76Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 77Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 78Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 79Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 80Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 81Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 82Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 324 page
background image
79
2513K–AVR–07/09
ATmega162/V
• TOSC1/XCK0/OC3A – Port D, Bit 4
TOSC1, Timer Oscillator pin 1: When the AS2 bit in ASSR is set (one) to enable asynchronous
clocking of Timer/Counter2, pin PD4 is disconnected from the port, and becomes the input of the
inverting Oscillator Amplifier. In this mode, a crystal Oscillator is connected to this pin, and the
pin can not be used as an I/O pin.
XCK0, USART0 External Clock: The Data Direction Register (DDD4) controls whether the clock
is output (DDD4 set (one)) or input (DDD4 cleared (zero)). The XCK0 pin is active only when
USART0 operates in Synchronous mode.
OC3A, Output Compare Match A output: The PD4 pin can serve as an external output for the
Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDD4 set (one))
to serve this function. The OC4A pin is also the output pin for the PWM mode timer function.
• INT1/ICP3 – Port D, Bit 3
INT1, External Interrupt Source 1: The PD3 pin can serve as an external interrupt source.
ICP3, Input Capture Pin: The PD3 pin can act as an Input Capture pin for Timer/Counter3.
• INT0/XCK1 – Port D, Bit 2
INT0, External Interrupt Source 0: The PD2 pin can serve as an external interrupt source.
XCK1, USART1 External Clock: The Data Direction Register (DDD2) controls whether the clock
is output (DDD2 set (one)) or input (DDD2 cleared (zero)). The XCK1 pin is active only when
USART1 operates in Synchronous mode.
• TXD0 – Port D, Bit 1
TXD0, Transmit Data (Data output pin for USART0). When the USART0 Transmitter is enabled,
this pin is configured as an output regardless of the value of DDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com