Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8PI Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATmega162V-8PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8PI Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATmega162V-8PI Datasheet HTML 37Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 38Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 39Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 40Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 41Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 42Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 43Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 44Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 324 page
background image
41
2513K–AVR–07/09
ATmega162/V
grammed. Any clock sources, including Internal RC Oscillator, can be selected when PortB 0
serves as clock output.
If the system clock prescaler is used, it is the divided system clock that is output when the
CKOUT Fuse is programmed. See “System Clock Prescaler” on page 41. for a description of the
system clock prescaler.
Timer/Counter
Oscillator
For AVR microcontrollers with Timer/Counter Oscillator pins (TOSC1 and TOSC2), the crystal is
connected directly between the pins. The Oscillator provides internal capacitors on TOSC1 and
TOSC2, thereby removing the need for external capacitors. The internal capacitors have a nom-
inal value of 10 pF. The Oscillator is optimized for use with a 32.768 kHz watch crystal. Applying
an external clock source to TOSC1 is not recommended.
System Clock
Prescaler
The ATmega162 system clock can be divided by setting the Clock Prescale Register – CLKPR.
This feature can be used to decrease the system clock frequency and power consumption when
the requirement for processing power is low. This can be used with all clock source options, and
it will affect the clock frequency of the CPU and all synchronous peripherals. clk
I/O, clkCPU, and
clk
FLASH are divided by a factor as shown in Table 15. Note that the clock frequency of clkASY
(asynchronously Timer/Counter) only will be scaled if the Timer/Counter is clocked
synchronously.
When switching between prescaler settings, the System Clock Prescaler ensures that no
glitches occur in the clock system and that no intermediate frequency is higher than neither the
clock frequency corresponding to the previous setting, nor the clock frequency corresponding to
the new setting.
The ripple counter that implements the prescaler runs at the frequency of the undivided clock,
which may be faster than the CPU’s clock frequency. Hence, it is not possible to determine the
state of the prescaler – even if it were readable, and the exact time it takes to switch from one
clock division to another cannot be exactly predicted.
From the time the CLKPS values are written, it takes between T1 + T2 and T1 + 2*T2 before the
new clock frequency is active. In this interval, 2 active clock edges are produced. Here, T1 is the
previous clock period, and T2 is the period corresponding to the new prescaler setting.
To avoid unintentional changes of clock frequency, a special write procedure must be followed
to change the CLKPS bits:
1.
Write the Clock Prescaler Change Enable (CLKPCE) bit to one and all other bits in
CLKPR to zero.
2.
Within four cycles, write the desired value to CLKPS while writing a zero to CLKPCE.
Caution: An interrupt between step 1 and step 2 will make the timed sequence fail. It is recom-
mended to have the Global Interrupt Flag cleared during these steps to avoid this problem.
Clock Prescale
Register – CLKPR
• Bit 7 – CLKPCE: Clock Prescaler Change Enable
The CLKPCE bit must be written to logic one to enable change of the CLKPS bits. CLKPCE is
cleared by hardware four cycles after it is written or when CLKPS is written. Setting the CLKPCE
bit will disable interrupts, as explained in the CLKPS description below.
Bit
7
6
5
4
3
2
1
0
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
CLKPR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com