Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8PI Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATmega162V-8PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8PI Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATmega162V-8PI Datasheet HTML 54Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 55Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 56Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 57Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 58Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 59Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 60Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 61Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 324 page
background image
58
2513K–AVR–07/09
ATmega162/V
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Boot Loader Support – Read-While-Write Self-programming” on page 217.
2. When the IVSEL bit in GICR is set, Interrupt Vectors will be moved to the start of the Boot
Flash section. The address of each Interrupt Vector will then be the address in this table added
to the start address of the Boot Flash section.
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Boot Loader Support – Read-While-Write Self-programming” on page 217.
2. When the IVSEL bit in GICR is set, Interrupt Vectors will be moved to the start of the Boot
Flash section. The address of each Interrupt Vector will then be the address in this table added
to the start address of the Boot Flash section.
Table 25. Reset and Interrupt Vectors if M161C is programmed
Vector No.
Program
Address(2)
Source
Interrupt Definition
10x000(1)
RESET
External Pin, Power-on Reset, Brown-out
Reset, Watchdog Reset, and JTAG AVR
Reset
2
0x002
INT0
External Interrupt Request 0
3
0x004
INT1
External Interrupt Request 1
4
0x006
INT2
External Interrupt Request 2
5
0x008
TIMER2 COMP
Timer/Counter2 Compare Match
6
0x00A
TIMER2 OVF
Timer/Counter2 Overflow
7
0x00C
TIMER1 CAPT
Timer/Counter1 Capture Event
8
0x00E
TIMER1 COMPA
Timer/Counter1 Compare Match A
9
0x010
TIMER1 COMPB
Timer/Counter1 Compare Match B
10
0x012
TIMER1 OVF
Timer/Counter1 Overflow
11
0x014
TIMER0 COMP
Timer/Counter0 Compare Match
12
0x016
TIMER0 OVF
Timer/Counter0 Overflow
13
0x018
SPI, STC
Serial Transfer Complete
14
0x01A
USART0, RXC
USART0, Rx Complete
15
0x01C
USART1, RXC
USART1, Rx Complete
16
0x01E
USART0, UDRE
USART0 Data Register Empty
17
0x020
USART1, UDRE
USART1 Data Register Empty
18
0x022
USART0, TXC
USART0, Tx Complete
19
0x024
USART1, TXC
USART1, Tx Complete
20
0x026
EE_RDY
EEPROM Ready
21
0x028
ANA_COMP
Analog Comparator
22
0x02A
SPM_RDY
Store Program Memory Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com