Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162-16PI Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 81Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 82Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 83Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 84Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 85Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 86Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 87Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 88Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 324 page
background image
85
2513K–AVR–07/09
ATmega162/V
• Bit 1, 0 – ISC01, ISC00: Interrupt Sense Control 0 Bit 1 and Bit 0
The External Interrupt 0 is activated by the external pin INT0 if the SREG I-flag and the corre-
sponding interrupt mask are set. The level and edges on the external INT0 pin that activate the
interrupt are defined in Table 44. The value on the INT0 pin is sampled before detecting edges.
If edge or toggle interrupt is selected, pulses that last longer than one clock period will generate
an interrupt. Shorter pulses are not guaranteed to generate an interrupt. If low level interrupt is
selected, the low level must be held until the completion of the currently executing instruction to
generate an interrupt.
Extended MCU
Control Register –
EMCUCR
• Bit 0 – ISC2: Interrupt Sense Control 2
The asynchronous External Interrupt 2 is activated by the external pin INT2 if the SREG I-bit and
the corresponding interrupt mask in GICR are set. If ISC2 is cleared (zero), a falling edge on
INT2 activates the interrupt. If ISC2 is set (one), a rising edge on INT2 activates the interrupt.
Edges on INT2 are registered asynchronously. Pulses on INT2 wider than the minimum pulse
width given in Table 45 will generate an interrupt. Shorter pulses are not guaranteed to generate
an interrupt. When changing the ISC2 bit, an interrupt can occur. Therefore, it is recommended
to first disable INT2 by clearing its Interrupt Enable bit in the GICR Register. Then, the ISC2 bit
can be changed. Finally, the INT2 Interrupt Flag should be cleared by writing a logical one to its
Interrupt Flag bit (INTF2) in the GIFR Register before the interrupt is re-enabled.
Table 43. Interrupt 1 Sense Control
ISC11
ISC10
Description
0
0
The low level of INT1 generates an interrupt request.
0
1
Any logical change on INT1 generates an interrupt request.
1
0
The falling edge of INT1 generates an interrupt request.
1
1
The rising edge of INT1 generates an interrupt request.
Table 44. Interrupt 0 Sense Control
ISC01
ISC00
Description
0
0
The low level of INT0 generates an interrupt request.
0
1
Any logical change on INT0 generates an interrupt request.
1
0
The falling edge of INT0 generates an interrupt request.
1
1
The rising edge of INT0 generates an interrupt request.
Bit
765
4321
0
SM0
SRL2
SRL1
SRL0
SRW01
SRW00
SRW11
ISC2
EMCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Table 45. Asynchronous External Interrupt Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
tINT
Minimum pulse width for
asynchronous external interrupt
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com