Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162-16PI Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 28Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 29Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 30Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 31Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 32Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 33Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 34Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 35Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 324 page
background image
32
2513K–AVR–07/09
ATmega162/V
Special Function IO
Register – SFIOR
• Bit 6 – XMBK: External Memory Bus Keeper Enable
Writing XMBK to one enables the Bus Keeper on the AD7:0 lines. When the Bus Keeper is
enabled, AD7:0 will keep the last driven value on the lines even if the XMEM interface has tri-
stated the lines. Writing XMBK to zero disables the Bus Keeper. XMBK is not qualified with SRE,
so even if the XMEM interface is disabled, the bus keepers are still activated as long as XMBK is
one.
• Bit 6..3 – XMM2, XMM1, XMM0: External Memory High Mask
When the External Memory is enabled, all Port C pins are used for the high address byte by
default. If the full 60KB address space is not required to access the external memory, some, or
all, Port C pins can be released for normal Port Pin function as described in Table 4. As
described in “Using all 64KB Locations of External Memory” on page 34, it is possible to use the
XMMn bits to access all 64KB locations of the external memory.
Using all Locations of
External Memory
Smaller than 64 KB
Since the external memory is mapped after the internal memory as shown in Figure 11, the
external memory is not addressed when addressing the first 1,280 bytes of data space. It may
appear that the first 1,280 bytes of the external memory are inaccessible (external memory
addresses 0x0000 to 0x04FF). However, when connecting an external memory smaller than 64
KB, for example 32 KB, these locations are easily accessed simply by addressing from address
0x8000 to 0x84FF. Since the External Memory Address bit A15 is not connected to the external
memory, addresses 0x8000 to 0x84FF will appear as addresses 0x0000 to 0x04FF for the exter-
nal memory. Addressing above address 0x84FF is not recommended, since this will address an
external memory location that is already accessed by another (lower) address. To the Applica-
tion software, the external 32 KB memory will appear as one linear 32 KB address space from
0x0500 to 0x84FF. This is illustrated in Figure 17. Memory configuration B refers to the
ATmega161 compatibility mode, configuration A to the non-compatible mode.
Bit
7
65
43
21
0
TSM
XMBK
XMM2
XMM1
XMM0
PUD
PSR2
PSR310
SFIOR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 4. Port C Pins Released as Normal Port Pins when the External Memory is Enabled
XMM2
XMM1
XMM0
# Bits for External Memory Address
Released Port Pins
0008 (Full 60 KB space)
None
0017
PC7
0106
PC7 - PC6
0115
PC7 - PC5
1004
PC7 - PC4
1013
PC7 - PC3
1102
PC7 - PC2
111No Address high bits
Full Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com